Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157XMPL004MG19 Datasheet(PDF) 5 Page - Illinois Capacitor, Inc.

Part # 157XMPL004MG19
Description  SMD Solid Conductive (multilayer-type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157XMPL004MG19 Datasheet(HTML) 5 Page - Illinois Capacitor, Inc.

  157XMPL004MG19 Datasheet HTML 1Page - Illinois Capacitor, Inc. 157XMPL004MG19 Datasheet HTML 2Page - Illinois Capacitor, Inc. 157XMPL004MG19 Datasheet HTML 3Page - Illinois Capacitor, Inc. 157XMPL004MG19 Datasheet HTML 4Page - Illinois Capacitor, Inc. 157XMPL004MG19 Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
470
2.5
477XMPL2R5YG28X
0.2116
9
47
3
7.3x4.3x2.8


Similar Part No. - 157XMPL004MG19

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157XMPL004MG19 ILLINOISCAPACITOR-157XMPL004MG19 Datasheet
382Kb / 4P
   Decoupling . Noise Suppression
157XMPL004MG19 ILLINOISCAPACITOR-157XMPL004MG19 Datasheet
382Kb / 4P
   Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
157XMPL004MG19 ILLINOISCAPACITOR-157XMPL004MG19 Datasheet
116Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
157XMPL004MG19 ILLINOISCAPACITOR-157XMPL004MG19 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
157XMPL004MG19 CDE-157XMPL004MG19 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
More results

Similar Description - 157XMPL004MG19

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Illinois Capacitor, Inc...
107XMPL002MG19 ILLINOISCAPACITOR-107XMPL002MG19_V01 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL_V01 Datasheet
352Kb / 3P
   SMD Solid Conductive (multilayer-type)
Feb-23
logo
Vishay Siliconix
94SVPD VISHAY-94SVPD_15 Datasheet
147Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
SVPD VISHAY-SVPD Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVP VISHAY-94SVP_12 Datasheet
84Kb / 4P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
logo
MERITEK ELECTRONICS COR...
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PE MERITEK-PE Datasheet
678Kb / 3P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (Radial type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com