Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

157XMPL2R5MG28 Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 157XMPL2R5MG28
Description  SMD Solid Conductive (multilayer-type)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

157XMPL2R5MG28 Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  157XMPL2R5MG28 Datasheet HTML 1Page - Illinois Capacitor, Inc. 157XMPL2R5MG28 Datasheet HTML 2Page - Illinois Capacitor, Inc. 157XMPL2R5MG28 Datasheet HTML 3Page - Illinois Capacitor, Inc. 157XMPL2R5MG28 Datasheet HTML 4Page - Illinois Capacitor, Inc. 157XMPL2R5MG28 Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Small size Low impedance Halogen free epoxy RoHS compliant
Stable with temperature, applied voltage and frequency
APPLICATIONS
Decoupling Noise suppression
Operating
Temperature Range
-40°C to +105°C
Capacitance
Tolerance
+20% (M), -35% +10% (Y)
120 Hz, 20°C
WVDC
2
2.5
4
6.3
10
12.5
16
Surge
Voltage
SVDC
1.25*WVDC
WVDC
2
2.5
4
6.3
10
12.5
16
Dissipation
Factor
Tan
δ
.06
Time
<10 VDC
>12.5 VDC
Leakage Current
(25°C) MAX
2 Minutes
0.04CV
0.1CV
1000 hours at 105°C with rated WVDC applied
Capacitance Change
<10% of initial measured value
Dissipation Factor
<100% of maximum specified value
Load Life
Leakage Current
<100% of maximum specified value
500 hours at 60°C and 90% relative Humidity with no voltage applied
Capacitance Change
<20% to +70% of initially measured value
Dissipation Factor
<200% of maximum specified value
Moisture Resistance
Test
Leakage Current
<100% of maximum specified value
Moisture Sensitivity
Level (MSL)
3
Case
size
EIA
Code
L+0.2
W+0.2
T+0.2
W1+0.1
S+0.3
G19
7343
7.3
4.3
1.9
2.4
1.3
G28
7343
7.3
4.3
2.8
2.4
1.3
Markings
Recommended soldering profile


Similar Part No. - 157XMPL2R5MG28

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
157XMPL2R5MG28 ILLINOISCAPACITOR-157XMPL2R5MG28 Datasheet
382Kb / 4P
   Decoupling . Noise Suppression
157XMPL2R5MG28 ILLINOISCAPACITOR-157XMPL2R5MG28 Datasheet
382Kb / 4P
   Small Size ??Low Impedance ??Halogen Free Epoxy ??RoHS Compliant ??Stable with Temperature, Applied Voltage and Frequency
157XMPL2R5MG28 ILLINOISCAPACITOR-157XMPL2R5MG28 Datasheet
116Kb / 1P
   SMD ALUMINUM POLYMER CAPACITORS
More results

Similar Description - 157XMPL2R5MG28

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Illinois Capacitor, Inc...
107XMPL002MG19 ILLINOISCAPACITOR-107XMPL002MG19_V01 Datasheet
466Kb / 3P
   SMD Solid Conductive (multilayer-type)
Aug-22
logo
Cornell Dubilier Electr...
XMPL CDE-XMPL_V01 Datasheet
352Kb / 3P
   SMD Solid Conductive (multilayer-type)
Feb-23
logo
Vishay Siliconix
94SVPD VISHAY-94SVPD_15 Datasheet
147Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
SVPD VISHAY-SVPD Datasheet
159Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
94SVP VISHAY-94SVP_12 Datasheet
84Kb / 4P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 28-Aug-12
94SVPD VISHAY-94SVPD Datasheet
157Kb / 13P
   SMD Aluminum Solid Capacitors with Conductive Polymer
Revision: 03-Aug-12
logo
MERITEK ELECTRONICS COR...
PEEA MERITEK-PEEA Datasheet
738Kb / 2P
   Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PE MERITEK-PE Datasheet
678Kb / 3P
   Conductive Polymer Aluminum Solid Capacitors (Radial Type)
PE5K MERITEK-PE5K Datasheet
809Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (Radial type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com