Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MXLVP20 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC9328MXLVP20
Description  i.MX Integrated Portable System Processor
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MXLVP20 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC9328MXLVP20 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MXLVP20 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
MC9328MXL Advance Information, Rev. 5
2
Freescale Semiconductor
Introduction
Figure 1. MC9328MXL Functional Block Diagram
1.1 Conventions
This document uses the following conventions:
OVERBAR is used to indicate a signal that is active when pulled low: for example, RESET.
Logic level one is a voltage that corresponds to Boolean true (1) state.
Logic level zero is a voltage that corresponds to Boolean false (0) state.
•To set a bit or bits means to establish logic level one.
•To clear a bit or bits means to establish logic level zero.
•A signal is an electronic construct whose state conveys or changes in state convey information.
•A pin is an external physical connection. The same pin can be used to connect a number of signals.
Asserted means that a discrete signal is in active logic state.
— Active low signals change from logic level one to logic level zero.
— Active high signals change from logic level zero to logic level one.
Negated means that an asserted discrete signal changes logic state.
— Active low signals change from logic level zero to logic level one.
— Active high signals change from logic level one to logic level zero.
LSB means least significant bit or bits, and MSB means most significant bit or bits. References to low and
high bytes or words are spelled out.
Numbers preceded by a percent sign (%) are binary. Numbers preceded by a dollar sign ($) or 0x are
hexadecimal.
Watchdog
GPIO
LCD Controller
JTAG/ICE
CGM
Timer 1 & 2
PWM
Standard
Bootstrap
Connectivity
System Control
I2C
MMC/SD
SPI 1 and
UART 1
UART 2
USB Device
Memory Stick®
Human Interface
Video Port
Multimedia
Multimedia
Power
RTC
Bus
DMAC
Interrupt
VMMU
CPU Complex
MC9328MXL
I Cache
AIPI 1
AIPI 2
D Cache
EIM &
ARM9TDMI™
System I/O
Control
(PLLx2)
Controller
Control
(11 Chnl)
SDRAMC
Accelerator
SPI 2
Host Controller
SSI/I2S


Similar Part No. - MC9328MXLVP20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MXLVP20 FREESCALE-MC9328MXLVP20 Datasheet
1Mb / 90P
   MX Family of applications processors
More results

Similar Description - MC9328MXLVP20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
MC68328P MOTOROLA-MC68328P Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
NXP Semiconductors
IMX7ULPIECB2 NXP-IMX7ULPIECB2 Datasheet
1Mb / 112P
   i.MX 7ULP Applications Processor-Industrial
Rev. 1, 07/2021
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
logo
Axiomtek Co., Ltd.
IFB112 AXIOMTEK-IFB112 Datasheet
304Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com