Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MXLCVP15 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC9328MXLCVP15
Description  i.MX Integrated Portable System Processor
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MXLCVP15 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC9328MXLCVP15 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC9328MXLCVP15 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
Specifications
MC9328MXL Advance Information, Rev. 5
Freescale Semiconductor
11
3 Specifications
This section contains the electrical specifications and timing diagrams for the MC9328MXL processor.
3.1 Maximum Ratings
Table 4 provides information on maximum ratings.
Substrate Supply Pins
SVDD
Supply routed through substrate of package; not to be bonded
SGND
Ground routed through substrate of package; not to be bonded
Table 4. Maximum Ratings
Rating
Symbol
Minimum
Maximum
Unit
Supply voltage
Vdd
-0.3
3.3
V
Maximum operating temperature range
MC9328MXLVH20/MC9328MXLVM20/
MC9328MXLVF20/MC9328MXLVP20
TA
070
°C
Maximum operating temperature range
MC9328MXLDVH20/MC9328MXLDVM20/
MC9328MXLDVF20/MC9328MXLDVP20
TA
-30
70
°C
Maximum operating temperature range
MC9328MXLCVH15/MC9328MXLCVM15/
MC9328MXLCVF15/MC9328MXLCVP15
TA
-40
85
°C
ESD at human body model (HBM)
VESD_HBM
2000
V
ESD at machine model (MM)
VESD_MM
100
V
Latch-up current
ILatchup
200
mA
Storage temperature
Test
-55
150
°C
Power Consumption
Pmax
8001
1.
A typical application with 30 pads simultaneously switching assumes the GPIO toggling and instruction fetches from
the ARM core-that is, 7x GPIO, 15x Data bus, and 8x Address bus.
13002
2.
A worst-case application with 70 pads simultaneously switching assumes the GPIO toggling and instruction fetches
from the ARM core-that is, 32x GPIO, 30x Data bus, 8x Address bus. These calculations are based on the core
running its heaviest OS application at 200MHz, and where the whole image is running out of SDRAM. QVDD at
2.0V, NVDD and AVDD at 3.3V, therefore, 180mA is the worst measurement recorded in the factory environment,
max 5mA is consumed for OSC pads, with each toggle GPIO consuming 4mA.
mW
Table 3. MC9328MXL Signal Descriptions (Continued)
Signal Name
Function/Notes


Similar Part No. - MC9328MXLCVP15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MXLCVP15 FREESCALE-MC9328MXLCVP15 Datasheet
1Mb / 90P
   MX Family of applications processors
More results

Similar Description - MC9328MXLCVP15

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
MC68328P MOTOROLA-MC68328P Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
NXP Semiconductors
IMX7ULPIECB2 NXP-IMX7ULPIECB2 Datasheet
1Mb / 112P
   i.MX 7ULP Applications Processor-Industrial
Rev. 1, 07/2021
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
logo
Axiomtek Co., Ltd.
IFB112 AXIOMTEK-IFB112 Datasheet
304Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com