Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMPC870ZT66 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # KMPC870ZT66
Description  Hardware Specifications
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KMPC870ZT66 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button KMPC870ZT66 Datasheet HTML 4Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 5Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 6Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 7Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 8Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 9Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 10Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 11Page - Freescale Semiconductor, Inc KMPC870ZT66 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
8
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
Maximum Tolerated Ratings
This device contains circuitry protecting against damage due to high-static voltage or electrical fields; however, it
is advised that normal precautions be taken to avoid application of any voltages higher than maximum-rated voltages
to this high-impedance circuit. Reliability of operation is enhanced if unused inputs are tied to an appropriate logic
voltage level (for example, either GND or VDDH).
Table 2. Maximum Tolerated Ratings
Rating
Symbol
Value
Unit
Supply voltage 1
1 The power supply of the device must start its ramp from 0.0 V.
VDDL (core
voltage)
–0.3 to 3.4
V
VDDH (I/O
voltage)
–0.3 to 4
V
VDDSYN
–0.3 to 3.4
V
Difference
between
VDDL and
VDDSYN
<100
mV
Input voltage 2
2 Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum
ratings are stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may
affect device reliability or cause permanent damage to the device.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than VDDH. This restriction applies to power
up and normal operation (that is, if the MPC875/870 is unpowered, a voltage greater than 2.5 V must not be applied
to its inputs).
Vin
GND – 0.3 to
VDDH
V
Storage temperature range
Tstg
–55 to +150
°C
Table 3. Operating Temperatures
Rating
Symbol
Value
Unit
Temperature 1 (standard)
1 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum temperatures are guaranteed as
junction temperature, Tj.
TA(min)
0°C
Tj(max)
95
°C
Temperature (extended)
TA(min)
–40
°C
Tj(max)
100
°C


Similar Part No. - KMPC870ZT66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
KMPC870 FREESCALE-KMPC870 Datasheet
1Mb / 92P
   Hardware Specifications
More results

Similar Description - KMPC870ZT66

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com