Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P956E94 Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # P956E94
Description  FUJITSU Desktop ESPRIMO P956/E94
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

P956E94 Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  P956E94 Datasheet HTML 1Page - Fujitsu Component Limited. P956E94 Datasheet HTML 2Page - Fujitsu Component Limited. P956E94 Datasheet HTML 3Page - Fujitsu Component Limited. P956E94 Datasheet HTML 4Page - Fujitsu Component Limited. P956E94 Datasheet HTML 5Page - Fujitsu Component Limited. P956E94 Datasheet HTML 6Page - Fujitsu Component Limited. P956E94 Datasheet HTML 7Page - Fujitsu Component Limited. P956E94 Datasheet HTML 8Page - Fujitsu Component Limited. P956E94 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Data Sheet FUJITSU Desktop ESPRIMO P956/E94+
Page 2 / 9
www.fujitsu.com/fts/ESPRIMO
Components
Processor
Intel® Core™ i7-6700 processor (4 Cores / 8 Threads, 3.40 GHz, up to 4.0 GHz, 8 MB, Intel® HD Graphics 530) *
Intel® Core™ i5-6600 processor (4 Cores / 4 Threads, 3.30 GHz, up to 3.9 GHz, 6 MB, Intel® HD Graphics 530) *
Intel® Core™ i5-6500 processor (4 Cores / 4 Threads, 3.20 GHz, up to 3.6 GHz, 6 MB, Intel® HD Graphics 530) *
Intel® Core™ i3-6100 processor (2 Cores / 4 Threads, 3.70 GHz, 3 MB, Intel® HD Graphics 530)
Intel® Pentium® processor G4500 (2 Cores / 2 Threads, 3.50 GHz, 3 MB, Intel® HD Graphics 530)
Intel® Pentium® processor G4400 (2 Cores / 2 Threads, 3.30 GHz, 3 MB, Intel® HD Graphics 510)
Intel® Celeron® processor G3900 (2 Cores / 2 Threads, 2.80 GHz, 2 MB, Intel® HD Graphics 510)
Intel® vPro™ Logo with Intel® Core i5 and Core i7 processors
*with Intel® Turbo Boost Technology (clock speed and performance will vary depending on workload and other
variables)
Intel® Smart Response Technology supported by Intel® Core™ i3, i5 and i7 processors
Operating systems
Operating system
Windows 10 Pro
Windows 10 Home
Windows 8.1 Pro
Windows 8.1
Windows 7 Professional 64-bit
Windows 7 Professional 32-bit
Operating system compatible
Windows 10 Pro (license + recovery media only)
openSUSE Linux
Microsoft OS support information
This system receives full support from Microsoft with Windows 10/Windows 10 Pro only. For any other Microsoft
OS installed, this device has limited support from Microsoft. For more information, please see Microsoft’s Support
Lifecycle FAQ.
Memory modules
4 GB (1 module(s) 4 GB) DDR4, unbuffered, non-ECC, 2,133 MHz, UDIMM
8 GB (1 module(s) 8 GB) DDR4, unbuffered, non-ECC, 2,133 MHz, UDIMM
16 GB (1 module(s) 16 GB) DDR4, unbuffered, non-ECC, 2,133 MHz, UDIMM
Hard disk drives (internal)
SSD PCIe 512 GB M.2 Highend
SSD PCIe 256 GB M.2 Highend
SSD PCIe 128 GB M.2 Highend
SSD SATA III 512GB M.2
SSD SATA III 256GB M.2
SSD SATA III 128 GB M.2
SSD SATA III, 512 GB, 2.5-inch
SSD SATA III, 256 GB, 2.5-inch
SSD SATA III, 512 GB, 2.5-inch, SED
SSD SATA III, 256 GB, 2.5-inch, SED
SSD SATA III, 128 GB, 2.5-inch, SED
SSD SATA III, 128 GB, 2.5-inch
SSHD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch
SSHD SATA III, 5,400 rpm, 500 GB, 2.5-inch
HDD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch, business critical
HDD SATA III, 7,200 rpm, 500 GB, 3.5-inch, business critical
HDD SATA III, 7,200 rpm, 2,000 GB, 3.5-inch
HDD SATA III, 7,200 rpm, 1,000 GB, 3.5-inch
HDD SATA III, 7,200 rpm, 500 GB, 3.5-inch
HDD SATA II, 5,400 rpm, 500 GB, 2.5-inch*
Hard disk notes
Up to 20 GB of HDD space is reserved for system recovery
SSHD (Solid State Hard Disk, Hybrid drive)
SSD (Solid State Disk)
SED (Self-Encrypting Drive)


Similar Part No. - P956E94

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P956E90 FUJITSU-P956E90 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E90
More results

Similar Description - P956E94

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P756E94 FUJITSU-P756E94 Datasheet
382Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E94
P956LL FUJITSU-P956LL Datasheet
379Kb / 9P
   FUJITSU Desktop ESPRIMO P956/LL
D756E94 FUJITSU-D756E94 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E94
D956E94 FUJITSU-D956E94 Datasheet
393Kb / 9P
   FUJITSU Desktop ESPRIMO D956/E94
P956E90 FUJITSU-P956E90 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E90
P956E85 FUJITSU-P956E85 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E85
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
Q956 FUJITSU-Q956 Datasheet
386Kb / 9P
   FUJITSU Desktop ESPRIMO Q956
Q920 FUJITSU-Q920 Datasheet
187Kb / 8P
   FUJITSU Desktop ESPRIMO Q920
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com