Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P956E85 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # P956E85
Description  FUJITSU Desktop ESPRIMO P956/E85
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

P956E85 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  P956E85 Datasheet HTML 1Page - Fujitsu Component Limited. P956E85 Datasheet HTML 2Page - Fujitsu Component Limited. P956E85 Datasheet HTML 3Page - Fujitsu Component Limited. P956E85 Datasheet HTML 4Page - Fujitsu Component Limited. P956E85 Datasheet HTML 5Page - Fujitsu Component Limited. P956E85 Datasheet HTML 6Page - Fujitsu Component Limited. P956E85 Datasheet HTML 7Page - Fujitsu Component Limited. P956E85 Datasheet HTML 8Page - Fujitsu Component Limited. P956E85 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet FUJITSU Desktop ESPRIMO P956/E85+
Page 5 / 9
www.fujitsu.com/fts/ESPRIMO
Graphics on board
TFT resolution (DVI)
1,280 x 1,024 pixel
1,360 x 768 pixel
1,440 x 900 pixel
1,600 x 900 pixel
1,680 x 1,050 pixel
1,920 x 1,080 pixel
1,920 x 1,200 pixel
TFT resolution (DisplayPort)
1,280 x 1,024 pixel
1,360 x 768 pixel
1,440 x 900 pixel
1,600 x 900 pixel
1,680 x 1,050 pixel
1,920 x 1,080 pixel
1,920 x 1,200 pixel
2,560 x 1,440 pixel
2,560 x 1,600 pixel
3,840 x 2,160 pixel
4,096 x 2,304 pixel
Graphics features
Support for up to three independent displays
DirectX® 12
HDCP support
OpenCL™ 2.0 (requires Intel® Core™ i3, i5 or i7 processors)
OpenGL® 4.4
One DisplayPort connector can be converted to DVI-D or HDMI with an optional external adapter
For multi monitoring mode, graphics card and integrated graphics run in parallel
DisplayPort interface supports Ver. 1.2 incl. Multi-Stream
DVI-D interface supports audio output for HDMI monitors
Graphics notes
up to 1 GB dedicated video memory (main memory owned and locked for graphics use)
Tested resolutions, depending on display type additional resolutions and frequencies possible
Shared memory depending on main memory size and operating system
Resolution (color depth up to 32 Bit/pixel)
For TFT we recommend using 60Hz
Electrical values
Power efficiency note
power supply efficiency (at 230V; 20% / 50% / 100% load) : 83% / 86% / 85%
0-Watt mode with hard-off switch
Rated voltage range
100 V - 240 V
Rated frequency range
50 Hz - 60 Hz
Operating voltage range
90 V - 264 V
Operating line frequency range
47 Hz - 63 Hz
Max. output of single power supply
280 W
Power factor correction/active power
active
Monitor outlet
No
Power consumption
Power consumption note
See white paper Energy Consumption
Link to Energy White Paper
http://docs.ts.fujitsu.com/dl.aspx?id=77223068-4e80-4584-bca2-d2957472a648
Heat dissipation
Heat dissipation notes
See white paper Energy Consumption
Noise emission
Related Processors for noise
Intel® Core™ i7 6700
Standard noise emission
2x4 GB, HDD, ODD, Windows
According to ISO 7779:2010, ECMA-74
Standard noise notes / description
A-weighted sound power level Lwad (in B) / Workplace related A-weighted sound pressure level LpAm (in dB(A))
Standard noise operation mode: CPU
50% load
3.5 B / 21 dB(A) Bystander; 25 dB(A) Operator position
Standard noise operation mode: HDD
load
3.3 B / 20 dB(A) Bystander; 22 dB(A) Operator position


Similar Part No. - P956E85

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P956E90 FUJITSU-P956E90 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E90
P956E94 FUJITSU-P956E94 Datasheet
384Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E94
More results

Similar Description - P956E85

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P956LL FUJITSU-P956LL Datasheet
379Kb / 9P
   FUJITSU Desktop ESPRIMO P956/LL
D956E85 FUJITSU-D956E85 Datasheet
389Kb / 9P
   FUJITSU Desktop ESPRIMO D956/E85
P956E90 FUJITSU-P956E90 Datasheet
380Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E90
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
P556E85 FUJITSU-P556E85 Datasheet
376Kb / 9P
   FUJITSU Desktop ESPRIMO P556/E85
P920E85 FUJITSU-P920E85 Datasheet
184Kb / 9P
   FUJITSU Desktop ESPRIMO P920 E85
P520E85 FUJITSU-P520E85 Datasheet
194Kb / 9P
   FUJITSU Desktop ESPRIMO P520 E85
P756E85 FUJITSU-P756E85 Datasheet
381Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E85
P956E94 FUJITSU-P956E94 Datasheet
384Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E94
D556E85 FUJITSU-D556E85 Datasheet
375Kb / 9P
   FUJITSU Desktop ESPRIMO D556/E85
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com