Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9328MXLVH20 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC9328MXLVH20
Description  i.MX Integrated Portable System Processor
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9328MXLVH20 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC9328MXLVH20 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9328MXLVH20 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 84 page
background image
Introduction
MC9328MXL Advance Information, Rev. 5
Freescale Semiconductor
5
1.6 Ordering Information
Table 2 provides ordering information for both the 256-lead mold array process ball grid array (MAPBGA)
package and the 225-lead BGA package.
Table 2. MC9328MXL Ordering Information
Package Type
Frequency
Temperature
Solderball Type
Order Number
256-lead MAPBGA
150 MHz
-40OC to 85OC
Standard
MC9328MXLCVH15(R2)
Pb-free
MC9328MXLCVM15(R2)
200 MHz
0OC to 70OC
Standard
MC9328MXLVH20(R2)
Pb-free
MC9328MXLVM20(R2)
-30OC to 70OC
Standard
MC9328MXLDVH20(R2)
Pb-free
MC9328MXLDVM20(R2)
225-lead MAPBGA
150 MHz
-40OC to 85OC
Standard
MC9328MXLCVF15(R2)
Pb-free
MC9328MXLCVP15(R2)
200 MHz
0OC to 70OC
Standard
MC9328MXLVF20(R2)
Pb-free
MC9328MXLVP20(R2)
-30OC to 70OC
Standard
MC9328MXLDVF20(R2)
Pb-free
MC9328MXLDVP20(R2)


Similar Part No. - MC9328MXLVH20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MXLVM15 FREESCALE-MC9328MXLVM15 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXLVM20 FREESCALE-MC9328MXLVM20 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXLVP15 FREESCALE-MC9328MXLVP15 Datasheet
1Mb / 90P
   MX Family of applications processors
MC9328MXLVP20 FREESCALE-MC9328MXLVP20 Datasheet
1Mb / 90P
   MX Family of applications processors
More results

Similar Description - MC9328MXLVH20

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX1 FREESCALE-MC9328MX1 Datasheet
1Mb / 96P
   i.MX Integrated Portable System Processor
logo
Motorola, Inc
MC68EZ328 MOTOROLA-MC68EZ328 Datasheet
103Kb / 8P
   Integrated Portable System Processor
MC68328P MOTOROLA-MC68328P Datasheet
195Kb / 6P
   Integrated Portable System Processor-DragonBall
MC68SZ328 MOTOROLA-MC68SZ328 Datasheet
300Kb / 12P
   Integrated Portable System Processor Product Brief
MC68VZ328P MOTOROLA-MC68VZ328P Datasheet
120Kb / 6P
   Integrated Portable System Processor Product Brief
logo
NXP Semiconductors
IMX7ULPIECB2 NXP-IMX7ULPIECB2 Datasheet
1Mb / 112P
   i.MX 7ULP Applications Processor-Industrial
Rev. 1, 07/2021
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
logo
Axiomtek Co., Ltd.
IFB112 AXIOMTEK-IFB112 Datasheet
304Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6UL Processor
RBOX630 AXIOMTEK-RBOX630_17 Datasheet
350Kb / 2P
   Robust RISC-based DIN-rail Fanless Embedded System with i.MX 6 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com