Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D756E94 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # D756E94
Description  FUJITSU Desktop ESPRIMO D756/E94
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

D756E94 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  D756E94 Datasheet HTML 1Page - Fujitsu Component Limited. D756E94 Datasheet HTML 2Page - Fujitsu Component Limited. D756E94 Datasheet HTML 3Page - Fujitsu Component Limited. D756E94 Datasheet HTML 4Page - Fujitsu Component Limited. D756E94 Datasheet HTML 5Page - Fujitsu Component Limited. D756E94 Datasheet HTML 6Page - Fujitsu Component Limited. D756E94 Datasheet HTML 7Page - Fujitsu Component Limited. D756E94 Datasheet HTML 8Page - Fujitsu Component Limited. D756E94 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Data Sheet FUJITSU Desktop ESPRIMO D756/E94+
Page 3 / 9
www.fujitsu.com/fts/ESPRIMO
Hard disk notes
Up to 20 GB of HDD space is reserved for system recovery
SSHD (Solid State Hard Disk, Hybrid drive)
SSD (Solid State Disk)
SED (Self-Encrypting Drive)
Graphics
VGA Extension Card
NVIDIA® NVS™315 LP, 1 GB
NVIDIA® GeForce® GTX 745 2 GB LP, 2 GB
NVIDIA® GeForce® 605 DisplayPort 1GB LP, 1 GB
LFH59/ 2x DVI-I adapter cable
LFH59/ 2x DP adapter cable
DVI-I to VGA Adapter
DP to DVI-D (single link) Adapter Cable
Drives (optional)
BD Triple Writer SATA ultra slim (tray)
DVD Super Multi ultra slim (tray)
MultiCard Reader 24in1 USB 2.0 3.5”
Interface add on cards/components
(optional)
WLAN 802.11ac (2x2) PCIe x1 LP and BT 4.1 (dedicated regions only, up to BT 4.2 depending on OS version)
WLAN 802.11ac (2x2) PCIe x1 LP (dedicated regions only)
Parallel Interface
Gigabit Ethernet PCIe x1, DS
eSATA Interface
Dual serial card PCIe x1
Base unit
Base unit
ESPRIMO D756/E94+
Mainboard
Mainboard type
D3431
Formfactor
proprietary
Chipset
Intel® Q150
Processor socket
LGA 1151
Processor quantity maximum
1
Supported capacity RAM (max.)
64 GB
Memory slots
4 DIMM (DDR4)
Memory frequency
2,133 MHz
Memory notes
Dual channel support
For dual channel performance, a minimum of 2 memory modules have to be ordered. Capacity per channel has to be
the same.
LAN
10/100/1,000 MBit/s Intel® I219V
BIOS version
AMI Aptio V
BIOS features
BIOS Flash EPROM update by software
Recovery BIOS
Unified Extensible Firmware Interface (UEFI)
CSM (Compatibility Support Module)
Audio type
On board
Audio codec
Realtek ALC671
Audio features
Internal speaker supports audio playback (optional), High Definition audio, 5.1 surround sound
I/O controller on board
Serial ATA total
5
thereof SATA III
5


Similar Part No. - D756E94

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
D756E90 FUJITSU-D756E90 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E90
More results

Similar Description - D756E94

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
P756E94 FUJITSU-P756E94 Datasheet
382Kb / 9P
   FUJITSU Desktop ESPRIMO P756/E94
D756E85 FUJITSU-D756E85 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E85
D956E94 FUJITSU-D956E94 Datasheet
393Kb / 9P
   FUJITSU Desktop ESPRIMO D956/E94
D756E90 FUJITSU-D756E90 Datasheet
390Kb / 9P
   FUJITSU Desktop ESPRIMO D756/E90
P956E94 FUJITSU-P956E94 Datasheet
384Kb / 9P
   FUJITSU Desktop ESPRIMO P956/E94
Q556 FUJITSU-Q556 Datasheet
382Kb / 8P
   FUJITSU Desktop ESPRIMO Q556
X923 FUJITSU-X923 Datasheet
143Kb / 8P
   FUJITSU Desktop ESPRIMO X923
Q956 FUJITSU-Q956 Datasheet
386Kb / 9P
   FUJITSU Desktop ESPRIMO Q956
Q920 FUJITSU-Q920 Datasheet
187Kb / 8P
   FUJITSU Desktop ESPRIMO Q920
X956 FUJITSU-X956 Datasheet
351Kb / 8P
   FUJITSU Desktop ESPRIMO X956
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com