Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251B12F103B5N1 Datasheet(PDF) 1 Page - CTS Corporation

Part # 251B12F103B5N1
Description  Long Life 9mm Carbon Composition Rotary Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

251B12F103B5N1 Datasheet(HTML) 1 Page - CTS Corporation

  251B12F103B5N1 Datasheet HTML 1Page - CTS Corporation 251B12F103B5N1 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical and Mechanical Specifications
Resistance Range
10 K through 200 K ohms, linear
Resistance Tolerance
± 10%, ± 20%, ± 30%
Power Rating
Dielectric Stength
250 VAC for 1 minute
0.01 watts @ 50
°C
Stop Strength
3 kgf-cm minimum
Angle of Rotation
Total Rotational Angle: 300
°
Operating Temperature
- 10°C to 70°C
Insulation Resistance
100 Megohm minimum @ 250 VDC
Rotational Torque
3 to 30 gf-cm
Rotational Lif
250,000 cycles ( 240° to 280° effective electrical angle)
1,000,000 cycles (40° to 110° effective electrical angle)
e
Long Life 9mm
Carbon Composition
Rotary Potentiometer
1 - 2
© 2010 CTS Corporation. All rights reserved. Information subject to change.
05/19/10
CTS Electrocomponents
www.ctscorp.com
MountingInformation
Bushing Mount
Snap-in Mount
®
Electrocomponents
Series 251 Data Sheet
Data Sheet
Rotary Potentiometer
Maximum Operating Voltage
50 VAC, 5 VDC
Push-Pull Strength on Shaft
5 kg for 10 seconds
Solder Heat Resistance
260°C for 5 seconds
• 1M Cycle Life Available
• Miniature 9mm Size
• Light Rotational Torque
• Molded Shaft or Rotor Available
• Sturdy Insert Molded Terminal
Features
• Low Cost
• Low Noise
• RoHS compliant
Effective Electrical Angle: 40
°, 60°, 110°, 280°


Similar Part No. - 251B12F103B5N1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B12F252A1N1 CTS-251B12F252A1N1 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B12F252A1NB CTS-251B12F252A1NB Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B12F252A1T1 CTS-251B12F252A1T1 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B12F252A1TB CTS-251B12F252A1TB Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
251B12F252A2N1 CTS-251B12F252A2N1 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
More results

Similar Description - 251B12F103B5N1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
   Commercial 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
Sharma Electro Componen...
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
   Carbon Composition Potentiometer
logo
CTS Corporation
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Bi technologies
P09X BITECH-P09X_14 Datasheet
162Kb / 6P
   9mm Rotary Potentiometer
logo
TOCOSAMERICA, INC.
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
   WS Series Hot-Molded Carbon Composition Potentiometer
logo
CTS Corporation
201XR CTS-201XR Datasheet
2Mb / 2P
   Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com