Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL1045 Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # SBL1045
Description  SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

SBL1045 Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  SBL1045 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd SBL1045 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd SBL1045 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.cj-elec.com
3
B,Oct,2014
TO-220A Package Outline Dimensions
Min
Max
Min
Max
A
4.470
4.670
0.176
0.184
A1
2.520
2.820
0.099
0.111
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
10.010
10.310
0.394
0.406
E
8.500
8.900
0.335
0.350
E1
12.060
12.460
0.475
0.491
e
e1
4.980
5.180
0.196
0.204
F
2.590
2.890
0.102
0.114
h
0.000
0.300
0.000
0.012
L
13.400
13.800
0.528
0.543
L1
3.560
3.960
0.140
0.156
L2
1.000
0.039
Φ
3.735
3.935
0.147
0.155
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.100 TYP
2.540 TYP


Similar Part No. - SBL1045

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1045 DIODES-SBL1045 Datasheet
65Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
SBL1045 DIODES-SBL1045 Datasheet
75Kb / 3P
   10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. 4 - 2
logo
Galaxy Semi-Conductor H...
SBL1045 BILIN-SBL1045 Datasheet
177Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sirectifier Semiconduct...
SBL1045 SIRECTIFIER-SBL1045 Datasheet
82Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
JILIN SINO-MICROELECTRO...
SBL1045 JSMC-SBL1045 Datasheet
401Kb / 6P
   Low voltage, high frequency rectifier
More results

Similar Description - SBL1045

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com