Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRD10100CT Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MBRD10100CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MBRD10100CT Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MBRD10100CT Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD10100CT Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD10100CT Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD10100CT Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRD10100CT Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25
unless otherwise specified)
Parameter
Symbol
Device
Test conditions
Min
Typ
Max
Unit
MBRD1070CT
MBRD1080CT
MBRD1090CT
Reverse voltage
V(BR)
MBRD10100CT
IR=0.1mA
100
V
MBRD1070CT
VR=70V
MBRD1080CT
VR=80V
MBRD1090CT
VR=90V
Reverse current
IR
MBRD10100CT
VR=100V
0.1
mA
VF(1)
MBRD1070CT-10100CT
IF=5A
Forward voltage
VF(2)*
MBRD1070CT-10100CT
IF=10A
V
Typical total capacitance
Ctot
MBRD1070CT-10100CT
VR=4V,f=1MHz
150
pF
*Pulse test
0.85
70
8
80
9
90
0.95
www.cj-elec.com
2
B,Mar,2016


Similar Part No. - MBRD10100CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRD10100CT SMC-MBRD10100CT Datasheet
185Kb / 7P
   SCHOTTKY RECTIFIER
logo
GOOD-ARK Electronics
MBRD10100CT GOOD-ARK-MBRD10100CT Datasheet
432Kb / 4P
   Schottky Barrier Rectifier
logo
Littelfuse
MBRD10100CT LITTELFUSE-MBRD10100CT Datasheet
616Kb / 3P
   Low forward voltage drop
logo
Foshan Blue Rocket Elec...
MBRD10100CT FOSHAN-MBRD10100CT Datasheet
657Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
logo
Shenzhen hui lida elect...
MBRD10100CT HUILIDA-MBRD10100CT Datasheet
586Kb / 2P
   10A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRD10100CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com