Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRB10150CT Datasheet(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # MBRB10150CT
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

MBRB10150CT Datasheet(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  MBRB10150CT Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRB10150CT Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRB10150CT Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd MBRB10150CT Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min.
Max.
Min.
Max.
A
4.470
4.670
0.176
0.184
A1
0.000
0.150
0.000
0.006
B
1.120
1.420
0.044
0.056
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.310
0.530
0.012
0.021
c1
1.170
1.370
0.046
0.054
D
10.010
10.310
0.394
0.406
E
8.500
8.900
0.335
0.350
e
e1
4.980
5.180
0.196
0.204
L
14.940
15.500
0.588
0.610
L1
4.950
5.450
0.195
0.215
L2
2.340
2.740
0.092
0.108
L3
1.300
1.700
0.051
0.067
Φ
V
5.600 REF.
0.220REF.
Symbol
Dimensions In Millimeters
Dimensions In Inches
2.540 TYP.
0.100 TYP.
www.cj-elec.com
3
B,Mar,2016
8.40
1.20


Similar Part No. - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRB10150CT SMC-MBRB10150CT Datasheet
192Kb / 6P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB10150CT DIODES-MBRB10150CT Datasheet
280Kb / 5P
   10A SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
MBRB10150CT GOOD-ARK-MBRB10150CT Datasheet
500Kb / 7P
   Product Specification
logo
Surge Components
MBRB10150CT SURGE-MBRB10150CT Datasheet
1Mb / 5P
   Schottky Barrier Rectifier
logo
Galaxy Semi-Conductor H...
MBRB10150CT BILIN-MBRB10150CT Datasheet
179Kb / 3P
   Schottky Barrier Rectifier
More results

Similar Description - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com