Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3856ET-2.5 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3856ET-2.5
Description  3A Fast Response Ultra Low Dropout Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3856ET-2.5 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3856ET-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LP3856ET-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 5 sec.)
260˚C
ESD Rating (Note 3)
2 kV
Power Dissipation (Note 2)
Internally Limited
Input Supply Voltage (Survival)
−0.3V to +7.5V
Shutdown Input Voltage
(Survival)
−0.3V to 7.5V
Output Voltage (Survival), (Note
6), (Note 7)
−0.3V to +6.0V
I
OUT (Survival)
Short Circuit Protected
Maximum Voltage for ERROR
Pin
V
IN
Maximum Voltage for SENSE Pin
V
OUT
Operating Ratings
Input Supply Voltage (Note 11)
2.5V to 7.0V
Shutdown Input Voltage
−0.3V to 7.0V
Maximum Operating Current (DC)
3A
Junction Temperature
−40˚C to +125˚C
Electrical Characteristics
LP3853/LP3856
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: V
IN =VO(NOM) + 1V, IL = 10 mA, COUT = 10µF, VSD = 2V.
Symbol
Parameter
Conditions
Typ
(Note
4)
LP3853/6 (Note 5)
Units
Min
Max
V
O
Output Voltage
Tolerance
(Note 8)
V
OUT +1V
≤ V
IN
≤ 7.0V
10 mA
≤ I
L
≤ 3A
0
-1.5
-3.0
+1.5
+3.0
%
∆V
OL
Output Voltage Line
Regulation (Note 8)
V
OUT +1V
≤ V
IN
≤ 7.0V
0.02
0.06
%
∆V
O/
∆I
OUT
Output Voltage Load
Regulation
(Note 8)
10 mA
≤ I
L
≤ 3A
0.08
0.14
%
V
IN -VOUT
Dropout Voltage
(Note 10)
I
L = 300 mA
39
50
65
mV
I
L = 3A
390
450
600
I
GND
Ground Pin Current In
Normal Operation Mode
I
L = 300 mA
4
9
10
mA
I
L =3A
4
9
10
I
GND
Ground Pin Current In
Shutdown Mode
V
SD
≤ 0.3V
0.01
10
µA
-40˚C
≤ T
J
≤ 85˚C
50
I
O(PK)
Peak Output Current
V
O
≥ V
O(NOM) - 4%
4.5
A
Short Circuit Protection
I
SC
Short Circuit Current
6
A
www.national.com
5


Similar Part No. - LP3856ET-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3856ET-2.5/NOPB TI1-LP3856ET-2.5/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
More results

Similar Description - LP3856ET-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
[Old version datasheet]   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
   3A Fast Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
   3A Fast-Response Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
[Old version datasheet]   LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
logo
National Semiconductor ...
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com