Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1322 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SMP1322
Description  Low Resistance, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1322 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SMP1322_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1322_15 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DATA SHEET • SMP1322 SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
August 6, 2015 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200049S
Typical Performance Characteristics
0.1
0.01
0.1
1
10
100
1
10
100
Forward Current (mA)
Figure 1. Series Resistance vs Current @ 100 MHz
0
1
2
5
10
20
50
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Reverse Voltage (V)
1 MHz to 1 GHz
Figure 3. Capacitance vs Reverse Voltage
25
20
15
10
5
0
0.5
1
2
34
Frequency (GHz)
Zero Bias
IF = 10 mA
Figure 5. SMP1322-017 Typical SPST Switch Performance
400
500
600
700
800
900
1000
0.01
0.1
1
10
100
Forward Voltage (mV)
Figure 2. DC Characteristics
0
500
1000
1500
2000
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
0 V
10 V
40 V
Figure 4. Conductance vs Frequency and Reverse Voltage


Similar Part No. - SMP1322_15

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1322-001 ALPHA-SMP1322-001 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-004 ALPHA-SMP1322-004 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-005 ALPHA-SMP1322-005 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-007 ALPHA-SMP1322-007 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
SMP1322-011 ALPHA-SMP1322-011 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
More results

Similar Description - SMP1322_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com