Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1321-005 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMP1321-005
Description  Low Capacitance, Plastic Packaged PIN Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1321-005 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMP1321-005 Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1321-005 Datasheet HTML 8Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET • SMP1321 SERIES: LOW CAPACITANCE, PLASTIC PACKAGED PIN DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200048U • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 6, 2015
3
Table 2. SMP1321 Series Absolute Maximum Ratings (Per Junction) (Note 1)
Parameter
Symbol
Minimum
Maximum
Units
Reverse voltage
VR
100
V
Power dissipation @ 25
°C lead temperature
PD
250
mW
Storage temperature
TSTG
–65
+150
C
Operating temperature
TA
–65
+150
C
Electrostatic discharge:
Human Body Model (HBM), Class 1A
ESD
500
V
Note 1: Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SMP1321 Series Electrical Specifications (Per Junction) (Note 1)
(TA = +25 C, Unless Otherwise Noted)
Parameter
Symbol
Test Condition
Min
Typical
Max
Units
Reverse current
IR
VR = 100 V
10
μA
Capacitance (Note 2)
CT
F = 1 MHz, V = 30 V
0.18
0.25
pF
Resistance
RS
F = 100 MHz
I = 1 mA
I = 10 mA
3.00
1.05
2.00
Ω
Ω
Forward voltage
VF
IF = 10 mA
0.85
V
Carrier lifetime
TI
IF = 10 mA
0.4
μs
I region width
15
μm
Note 1: Performance is guaranteed only under the conditions listed in this table.
Note 2: CT is 0.4 pF maximum for the SMP1321-007.
Table 4. Resistance vs Temperature @ 500 MHz (Per Junction)
IF
(mA)
RS @ –55
°C
(
Ω)
RS @ –15
°C
(
Ω)
RS @ +25
°C
(
Ω)
RS @ +65
°C
(
Ω)
RS @ +100
°C
(
Ω)
0.02
47.4
50.0
56.3
61.5
65.1
0.10
12.0
12.6
13.9
15.4
16.4
0.3
5.2
5.4
5.8
6.4
6.9
0.5
3.6
3.8
4.1
4.5
4.8
1.0
2.4
2.5
2.6
2.8
3.1
10
1.03
1.04
1.04
1.07
1.15
20
0.871
0.888
0.873
0.889
0.956
100
0.669
0.659
0.642
0.645
0.695


Similar Part No. - SMP1321-005

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1321-005 SKYWORKS-SMP1321-005 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
SMP1321-005LF SKYWORKS-SMP1321-005LF Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
More results

Similar Description - SMP1321-005

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
SMP1320 SKYWORKS-SMP1320_15 Datasheet
842Kb / 9P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1345 SKYWORKS-SMP1345 Datasheet
168Kb / 6P
   Very Low Capacitance Plastic Packaged Silicon PIN Diodes
SMP1345 SKYWORKS-SMP1345_15 Datasheet
910Kb / 8P
   Very Low Capacitance, Plastic Packaged Silicon PIN Diodes
SMP1340 SKYWORKS-SMP1340 Datasheet
407Kb / 5P
   Fast Switching Speed, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1340 ALPHA-SMP1340 Datasheet
34Kb / 3P
   Fast Switching Speed, Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com