Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1320-077LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMP1320-077LF
Description  Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMP1320-077LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMP1320-077LF Datasheet HTML 1Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 2Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 3Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 4Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 5Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 6Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 7Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 8Page - Skyworks Solutions Inc. SMP1320-077LF Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200047Q • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
1
DATA SHEET
SMP1320 Series: Low Resistance, Low Capacitance, Plastic
Packaged PIN Diodes
Applications
 High-volume wireless applications
Features
 Resistance: 0.75 Ω typical @ 10 mA
 Capacitance: 0.23 pF typical @ 30 V
 Packages rated MSL1, 260 C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMP1320 series of plastic packaged, surface mountable PIN
diodes is designed for use in high volume switch applications
from 10 MHz to more than 10 GHz. The low current performance
of these diodes (0.9
Ω maximum at 10 mA and 2 Ω typical at
1 mA) makes the SMP1320 series particularly suited to battery
operated circuits.
The SMP1320 series is available in a selection of plastic
packages and a variety of configurations that include an SC-70,
a small footprint SC-79, and a miniature SOD-882. Table 1
describes the various packages and markings of the SMP1320
series.


Similar Part No. - SMP1320-077LF

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMP1320-077 ALPHA-SMP1320-077 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
More results

Similar Description - SMP1320-077LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMP1320 SKYWORKS-SMP1320 Datasheet
393Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SOT-23-1 ALPHA-SOT-23-1 Datasheet
483Kb / 3P
   Low Resistance Low Capacitance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMP1322 SKYWORKS-SMP1322 Datasheet
376Kb / 6P
   Low Resistance, Plastic Packaged PIN Diodes
SMP1322 SKYWORKS-SMP1322_15 Datasheet
879Kb / 9P
   Low Resistance, Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1322 ALPHA-SMP1322 Datasheet
493Kb / 4P
   Low Resistance Plastic Packaged PIN Diodes
logo
Skyworks Solutions Inc.
SMPA1320-079LF SKYWORKS-SMPA1320-079LF Datasheet
570Kb / 5P
   Low Resistance, Low Capacitance, Plastic Packaged PIN Diode
SMP1331 SKYWORKS-SMP1331 Datasheet
668Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321_15 Datasheet
776Kb / 8P
   Low Capacitance, Plastic Packaged PIN Diodes
SMP1321 SKYWORKS-SMP1321 Datasheet
109Kb / 6P
   Low Capacitance Plastic Packaged PIN Diodes
logo
Alpha Industries
SMP1321 ALPHA-SMP1321 Datasheet
482Kb / 3P
   Low Capacitance Plastic Packaged PIN Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com