Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4298 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4298
Description  Ultra-High PSRR Stereo Drivers Microphone Amp 100mA Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4298 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4298 Datasheet HTML 4Page - Maxim Integrated Products MAX4298 Datasheet HTML 5Page - Maxim Integrated Products MAX4298 Datasheet HTML 6Page - Maxim Integrated Products MAX4298 Datasheet HTML 7Page - Maxim Integrated Products MAX4298 Datasheet HTML 8Page - Maxim Integrated Products MAX4298 Datasheet HTML 9Page - Maxim Integrated Products MAX4298 Datasheet HTML 10Page - Maxim Integrated Products MAX4298 Datasheet HTML 11Page - Maxim Integrated Products MAX4298 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Ultra-High PSRR Stereo Drivers +
Microphone Amp + 100mA Linear Regulator
8
_______________________________________________________________________________________
MAX4298 block diagram and Figure 2 is the MAX4299
block diagram.
The amplifiers exhibit better than 115dB of DC power-
supply rejection and 93dB at 20kHz. The output ampli-
fiers are capable of driving a 1.5VRMS signal into 10kΩ
load with 0.0008% distortion. They can also drive 32
headphones to 1.2VRMS with 0.02% distortion. At
+3.3V, the linear regulator can output 100mA of current.
BIAS
The common-mode bias point for the amplifiers is set to
2.25V by internal circuitry that has two functions. It pro-
vides a clickless/popless power-up/power-down wave-
form for the amplifiers. Also, it generates a ground-
referenced bias voltage with ultra-high power-supply
rejection ratio (PSRR). BIAS should be bypassed with 1µF
to GND.The output impedance of the BIAS pin is 50k
Ω.
Clickless/Popless Function
The MAX4298/MAX4299 are designed for high-fidelity
audio performance into AC-coupled loads. Patented
design techniques achieve a clickless/popless power-up
sequence, and the use of a low-current standby supply
(SVCC) or external Schottky diode/reservoir capacitor
combination allows clickless/popless power-down. A
clickless/popless mute function is also provided to main-
tain a low impedance output when the input signal is
switched off.
Mute Function
The MAX4298/MAX4299 have a MUTE pin that allows the
user to mute the outputs of the device. This feature dis-
connects the input signal from the power amplifiers when
a logic high is present at the MUTE pin. To ensure proper
functionality, the MUTE pin should always be tied to either
VCC or GND. MUTE only affects the headphone driver
outputs. REG, BIAS, and MICOUT are unaffected. OUT1
and OUT2 are muted, but remain in a low-impedance
state to ensure clickless/popless operation.
SVCC
The MAX4298/MAX4299 provide a fully clickless power-
down sequence. SVCC can either be connected to a low-
current +5V power source or alternatively can be
connected with a reservoir capacitor to ground and a
Schottky diode to VCC. A reservoir capacitor of 220µF or
higher provides enough charge for the clickless power-
down sequence when CBIAS = 1µF. For larger values of
CBIAS, increase the reservoir capacitor accordingly.
Short to VCC if clickless power-down is not needed.
Driver Amplifier
The headphone driver amplifier is a class AB amplifier
designed to drive 16
Ω loads. The amplifiers have innov-
ative architectures for both the input and output stages
to achieve ultra-high PSRR while maintaining rail-to-rail
output drive capability. The output stage can drive high
capacitive loads encountered when driving long cables
used for desktop speakers or headphones.
Microphone Preamplifier (MAX4299)
The MAX4299 provides a microphone preamplifier that
is a low-power version of the audio amplifier. It is intend-
ed to be used for low-level signal amplification. This
microphone preamplifier provides rail-to-rail output with
very high PSRR.
CBYPASS
IN1
VCC
SVCC
OUT1
MUTE
OUT2
GND
MAX4298
IN2
BIAS
+
_
50k
2.25V
_
+
Figure 1. MAX4298 Block Diagram
CBYPASS
OUT1
MICIN
GND
MAX4299
MICOUT
MUTE
IN2
BIAS
IN1
1.233V
FB
VCC
SVCC
REGON
REG
18.4k
11k
50k
OUT2
N.C.
_
+
2.25V
+
_
+
_
+
_
PGND
Figure 2. MAX4299 Block Diagram


Similar Part No. - MAX4298

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4291EUK-T MAXIM-MAX4291EUK-T Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4291EXK-T MAXIM-MAX4291EXK-T Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4292 MAXIM-MAX4292 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
MAX4294 MAXIM-MAX4294 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
More results

Similar Description - MAX4298

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8591 BELLING-BL8591 Datasheet
268Kb / 10P
   100mA High PSRR, Fast Response Linear Regulator
logo
Micrel Semiconductor
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM5633B HMSEMI-HM5633B Datasheet
2Mb / 10P
   High PSRR linear regulator
logo
ON Semiconductor
NCP785A ONSEMI-NCP785A_16 Datasheet
109Kb / 10P
   High PSRR Linear Regulator
December, 2014 ??Rev. 2
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
   20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
ACE Technology Co., LTD...
ACE555 ACE-ACE555_15 Datasheet
498Kb / 10P
   300mA High PSRR, Linear Regulator
VER 1.1
logo
Analog Devices
ADP7156 AD-ADP7156 Datasheet
840Kb / 23P
   High PSRR, RF Linear Regulator
logo
ACE Technology Co., LTD...
ACE525 ACE-ACE525 Datasheet
540Kb / 11P
   300mA High PSRR, Linear Regulator
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com