Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC7100D Datasheet(PDF) 5 Page - Motorola, Inc

Part # MAC7100D
Description  MAC7100 Microcontroller Family Hardware Specifications
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7100D Datasheet(HTML) 5 Page - Motorola, Inc

  MAC7100D Datasheet HTML 1Page - Motorola, Inc MAC7100D Datasheet HTML 2Page - Motorola, Inc MAC7100D Datasheet HTML 3Page - Motorola, Inc MAC7100D Datasheet HTML 4Page - Motorola, Inc MAC7100D Datasheet HTML 5Page - Motorola, Inc MAC7100D Datasheet HTML 6Page - Motorola, Inc MAC7100D Datasheet HTML 7Page - Motorola, Inc MAC7100D Datasheet HTML 8Page - Motorola, Inc MAC7100D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
5
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ElectricalCharacteristics
3.4
Operating Conditions
Unless otherwise noted, the following conditions apply to all parametric data. Refer to the temperature
rating of the device (C, V, M) with respect to ambient temperature (TA) and junction temperature (TJ). For
power dissipation calculations refer to Section 3.5, “Power Dissipation and Thermal Characteristics.”
Table 5. ESD and Latch-Up Protection Characteristics
Num C
Rating
Symbol
Min
Max
Unit
B1
C Human Body Model (HBM)
VHBM
2000
V
B2
C Machine Model (MM)
VMM
200
V
B3
C Charge Device Model (CDM)
VCDM
500
V
B4
C Latch-up Current at TA = 125°C
positive
negative
ILAT
+100
–100
mA
B5
C Latch-up Current at TA = 27°C
positive
negative
ILAT
+200
–200
—mA
Table 6. MAC7100 Family Device Operating Conditions
Num
Rating
Symbol
Min
Typ
Max
Unit
C1
I/O, Regulator and Analog Supply Voltage
VDD5
4.5
5
5.5
V
C2
Digital Logic Supply Voltage 1
1 The device contains an internal voltage regulator to generate the logic and PLL supply from the I/O supply. The
absolute maximum ratings apply when this regulator is disabled and the device is powered from an external source.
VDD2.5
2.35
2.5
2.75
V
C3
PLL Supply Voltage 1
VDDPLL
2.35
2.5
2.75
V
C4
Voltage Difference VDDX to VDDA
VDDX
–0.1
0
0.1
V
C5
Voltage Difference VSSX to VSSA
VSSX
–0.1
0
0.1
V
C6
Oscillator Frequency
fosc
0.5
16
MHz
C7
Bus Frequency
fbus
0.5
50
MHz
C8a
MAC7100C Operating Junction Temperature Range
2
T
J
–40
110
°C
C8b
Operating Ambient Temperature Range 2
2 Please refer to Section 3.5, “Power Dissipation and Thermal Characteristics,” for more details about the relation
between ambient temperature TA and device junction temperature TJ.
T
A
–40
25
85
°C
C9a
MAC7100V Operating Junction Temperature Range
2
T
J
–40
130
°C
C9b
Operating Ambient Temperature Range 2
T
A
–4025105
°C
C10a MAC7100M Operating Junction Temperature Range
2
T
J
–40
150
°C
C10b
Operating Ambient Temperature Range 2
T
A
–4025125
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MAC7100D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
MAC7100 FREESCALE-MAC7100_04 Datasheet
112Kb / 16P
   Microcontroller Family Reference Manual
MAC7100_0410 FREESCALE-MAC7100_0410 Datasheet
112Kb / 710P
   Microcontroller Family Reference Manual
More results

Similar Description - MAC7100D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
   Microcontroller Family Hardware Specifications
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
   Family Hardware Specifications
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
   PowerQUICC??Family Hardware Specifications
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8260AEC MOTOROLA-MPC8260AEC Datasheet
347Kb / 48P
   MPC826xA (HiP4) Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com