Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M655P622.0800 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # M655P622.0800
Description  Voltage Controlled SAW Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M655P622.0800 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  M655P622.0800 Datasheet HTML 1Page - Integrated Circuit Systems M655P622.0800 Datasheet HTML 2Page - Integrated Circuit Systems M655P622.0800 Datasheet HTML 3Page - Integrated Circuit Systems M655P622.0800 Datasheet HTML 4Page - Integrated Circuit Systems M655P622.0800 Datasheet HTML 5Page - Integrated Circuit Systems M655P622.0800 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M655 Series
Performance Specifications
Integrated Circuit Systems
Integrated Circuit Systems, Inc.
Communications Modules
www.icst.com/Comm-Modules
tel: 508-852-5400
4
Micro Networks has subjected their VCSO component
to various reflow profiles and test conditions for
optimum substrate mounting performance. The
conditions suggested here are recommended
temperature settings for the VCSO device during the
reflow processes. The best case condition for the
device is a slow ramp up to prevent thermal shock
before reaching reflow temperatures of Sn/Pb flux
activated solder with a melting point of 183 degree
Celsius. The M655 device should not see
temperatures above 183 degrees Celsius for an
extended periods beyond 60 seconds. Maximum
peak temperature for the device should not exceed
220 degrees Celsius for longer then 20 seconds.
Micro Networks has designed the M655 device as a
sealed unit. The package is 100% tested for seal
defects. Aqueous, solvent, or other wash type
cleaning methods is acceptable for this device.
IR REFLOW PROFILE
TAPE & REEL
A
B
C
D
E
F
G
H
I
N
O
J
K
L
M
180
220
150
100
50
60
60–90
105–150
Time (seconds)
IR Reflow Profile
(Vendor Recommendation)
TAPE
MM
REEL
MM
A24F
1.78
B
11.5
G
21
C
1.5
H
13
D4
I
100
E12
J
5
M
9.2
K
25
N
14.5
L
330
O
3.7
No. per Reel: 300 Max
TAPE & REEL DIMENSIONS


Similar Part No. - M655P622.0800

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M655 MITSUBISHI-M655 Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
logo
Vectron International, ...
M655 VECTRON-M655 Datasheet
133Kb / 4P
   Typical Applications
logo
OKI electronic componet...
M655 OKI-M655 Datasheet
344Kb / 25P
   Oki Original High Performance CMOS 8 Bit 1 Chip Microcontroller
logo
Mitsubishi Electric Sem...
M65530FP MITSUBISHI-M65530FP Datasheet
1Mb / 7P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
M65533FP MITSUBISHI-M65533FP Datasheet
119Kb / 16P
   TRIPLE 10-BIT VIDEO D-A CONVERTER
More results

Similar Description - M655P622.0800

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M650 ICST-M650 Datasheet
647Kb / 6P
   Voltage Controlled SAW Oscillators
logo
Mini-Circuits
K-POS-2 MINI-K-POS-2 Datasheet
242Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN54LS624 TI1-SN54LS624_14 Datasheet
953Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN54LS624 TI-SN54LS624 Datasheet
398Kb / 10P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
CFO284SA SYNERGY-CFO284SA Datasheet
337Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
logo
Texas Instruments
SN74LS624NSR TI-SN74LS624NSR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
SN74LS628DR TI-SN74LS628DR Datasheet
726Kb / 12P
[Old version datasheet]   VOLTAGE-CONTROLLED OSCILLATORS
logo
SYNERGY MICROWAVE CORPO...
VCO-S-A12 SYNERGY-VCO-S-A12 Datasheet
158Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VCSO-0C12 SYNERGY-VCSO-0C12 Datasheet
515Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
VFC180SA SYNERGY-VFC180SA Datasheet
162Kb / 1P
   VOLTAGE CONTROLLED OSCILLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com