Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP984CS Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP984CS
Description  8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP984CS Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button COP984CS Datasheet HTML 2Page - National Semiconductor (TI) COP984CS Datasheet HTML 3Page - National Semiconductor (TI) COP984CS Datasheet HTML 4Page - National Semiconductor (TI) COP984CS Datasheet HTML 5Page - National Semiconductor (TI) COP984CS Datasheet HTML 6Page - National Semiconductor (TI) COP984CS Datasheet HTML 7Page - National Semiconductor (TI) COP984CS Datasheet HTML 8Page - National Semiconductor (TI) COP984CS Datasheet HTML 9Page - National Semiconductor (TI) COP984CS Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
DC Electrical Characteristics 98xEG and 98xCS: (Continued)
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
TRI-STATE Leakage
V
CC = 6.0V
−1
+1
µA
Allowable Sink/Source
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
without Latchup (Notes 9, 10)
T
A = 25˚
±100
mA
RAM Retention Voltage, V
r
500 ns Rise and Fall Time (min)
2
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
AC Electrical Characteristics 98xEG and 98xCS:
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
c)
Crystal, Resonator
4V
≤ V
CC ≤ 6.0V
2.5
DC
µs
2.5V
≤ V
CC < 4V
1.0
DC
µs
R/C Oscillator
4V
≤ V
CC ≤ 6.0V
7.5
DC
µs
2.5V
≤ V
CC < 4V
3.0
DC
µs
Inputs
t
SETUP
4V
≤ V
CC ≤ 6.0V
200
ns
2.5V
≤ V
CC < 4V
500
ns
t
HOLD
4V
≤ V
CC ≤ 6.0V
60
ns
2.5V
≤ V
CC < 4V
150
ns
Output Propagation Delay
R
L = 2.2k, CL = 100 pF
t
PD1,tPD0
SO, SK
4V
≤ V
CC ≤ 6.0V
0.7
µs
2.5V
≤ V
CC < 4V
1.75
µs
All Others
4V
≤ V
CC ≤ 6.0V
1
µs
2.5V
≤ V
CC < 4V
2.5
µs
MICROWIRE Setup Time (t
UWS) (Note 10)
20
ns
MICROWIRE Hold Time (t
UWH) (Note 10)
56
ns
MICROWIRE Output Propagation Delay (t
UPD)
220
ns
Input Pulse Width (Note 11)
Interrupt Input High Time
1
t
c
Interrupt Input Low Time
1
t
c
Timer 1, 2, 3 Input High Time
1
t
c
Timer 1, 2, 3 Input Low Time
1
t
c
Reset Pulse Width
1
µs
www.national.com
6


Similar Part No. - COP984CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP984CS TI1-COP984CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP984CS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP8SGE7HLQ8 NSC-COP8SGE7HLQ8 Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SGR728M8 NSC-COP8SGR728M8 Datasheet
815Kb / 61P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8FG NSC-COP8FG Datasheet
801Kb / 59P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP8SG NSC-COP8SG Datasheet
913Kb / 62P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Texas Instruments
COP8SGE5 TI1-COP8SGE5_14 Datasheet
2Mb / 82P
[Old version datasheet]   COP8SG Family 8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory, Two Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com