Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8ACC5XXX8 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8ACC5XXX8
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8ACC5XXX8 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP8ACC5XXX8 Datasheet HTML 1Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 2Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 3Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 4Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 5Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 6Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 7Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 8Page - National Semiconductor (TI) COP8ACC5XXX8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
Peak-to-Peak
2.5
5.5
V
Power Supply Ripple (Note 2)
0.1 V
CC
V
Supply Current (Note 3)
CKI = 4 MHz
V
CC = 5.5V, tC = 2.5 µs
5.5
mA
CKI = 4 MHz
V
CC = 4V, tC = 2.5 µs
2.5
mA
CKI = 1 MHz
V
CC = 4V, tC = 10 µs
1.4
mA
HALT Current (Note 4)
V
CC = 5.5V, CKI=0MHz
< 58
µA
V
CC = 4V, CKI = 0 MHz
< 34
µA
IDLE Current
CKI = 4 MHz
V
CC = 5.5V, tC = 2.5 µs
1.5
mA
CKI = 1 MHz
V
CC = 4V, tC = 10 µs
0.5
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
CKI, All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
1
1
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis
(Note 6)
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4V, VOH = 3.3V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink
V
CC = 4V, VOL =1V
10
mA
V
CC = 2.5V, VOL = 0.4V
2.0
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4V, VOH = 2.7V
−10
−110
µA
V
CC = 2.5V, VOH = 1.8V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC= 4V, VOH = 3.3V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink (Push-Pull Mode)
V
CC = 4V, VOL = 0.4V
1.6
mA
V
CC = 2.5V, VOL = 0.4V
0.7
mA
TRI-STATE® Leakage
V
CC = 5.5V
1
1
µA
Allowable Sink/Source
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
Room Temp
±200
mA
without Latchup (Note 5)
RAM Retention Voltage, V
r
500 ns Rise and Fall Time (min)
2
V
www.national.com
4


Similar Part No. - COP8ACC5XXX8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8ACC520M9 NSC-COP8ACC520M9 Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC520N8 NSC-COP8ACC520N8 Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC528M8 NSC-COP8ACC528M8 Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC528M9 NSC-COP8ACC528M9 Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP8ACC528N8 NSC-COP8ACC528N8 Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
More results

Similar Description - COP8ACC5XXX8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP888XG NSC-COP888XG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP8SE NSC-COP8SE Datasheet
491Kb / 47P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
COP888EB NSC-COP888EB Datasheet
835Kb / 75P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, CAN Interface, 8-Bit A/D, and USART
COP888EK NSC-COP888EK Datasheet
553Kb / 46P
   8-Bit CMOS ROM Based Microcontrollers with 8k Memory, Comparator, and Single-slope A/D Capability
logo
Texas Instruments
COP888XG_CS TI1-COP888XG_CS Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
   8-Bit CMOS ROM Based Microcontrollers with 16k
logo
Zilog, Inc.
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
   CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com