Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT-65B Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # PT-65B
Description  65W Triple Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PT-65B Datasheet(HTML) 2 Page - Astrodyne Corporation

  PT-65B Datasheet HTML 1Page - Astrodyne Corporation PT-65B Datasheet HTML 2Page - Astrodyne Corporation PT-65B Datasheet HTML 3Page - Astrodyne Corporation PT-65B Datasheet HTML 4Page - Astrodyne Corporation PT-65B Datasheet HTML 5Page - Astrodyne Corporation PT-65B Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
65W Triple Output Switching Power Supply
PT65 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264VAC / 127-370 Volts(DC)
Frequency Range
47-440 Hz: PT-65A/B/C/D
47~63Hz: PT6503
Inrush Current, typ: (cold start)
20 Amps @ 115VAC
40Amps @ 230VAC
Input Current
PT-65A/B/C/D
1.5Amps max @115VAC
PT-6503
1.8Amps max @115VAC
PT-65A/B/C/D/03
0.7 Amps max @ 230VAC
Leakage current
PT-65A/B/C/D
< 0.5mAmps
PT-6503
< 1mAmps /240VAC
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Line Regulation
See Selection Chart
Load Regulation
See Selection Chart
Voltage Tolerance (Note 2)
See Selection Chart
Ripple/Noise (Note 1)
See Selection Chart
Hold Up Time @ FL
60mS
Setup, Rise Time @ FL
800mS, 20mS PT-65A/B/C/D
800mS, 50mS PT-6503
Over Voltage Protection
5Volts(DC) only: 5.75~6.75Volts(DC)
Hiccup mode, auto recover
Over Current Protection
Hiccup mode, auto recover
PT-65A/B/C
73~95W rated output power
PT-65D
74.8~98.6W rated output power
PT-6503
120-160% rated output power
DC Voltage Adjust
4.75~5.5Volts(DC):PT-65A/B/C/D(5V)
3~3.6Volts(DC): PT-6503(3.3Volts)
GENERAL SPECIFICATIONS
Safety
UL60950-1 (PT-65A/B/C/D)
UL1950 (only PT-65003)
TUV EN60950-1 Approved
Insulation Resistance
≥ 100MΩ / 500Volts(DC)
EMI
Compliance to EN55022 (CISPR22)
Class B
Harmonic Current
Compliance to EN61000-3-2,-3
Efficiency
See Selection Chart
Isolation
3000VAC Input - Output
1500VAC Input - Ground
500VAC Output - Ground 1min
EMS
Compliance to
EN61000-4-2,3,4,5,6,8,11;
ENV50204, EN55024
light inustry level, criteria A
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-10°C to +60°C (See Derate Curve)
Storage Temperature
-20°C to +85°C, 10~95% RH
Relative Humidity
20 to +90% RH
Temperature Coefficient
PT-65A/B/C/D
±0.04% / °C (0-50°C) on +5Volts output
PT-6503
±0.03% / °C (0-50°C)
MTBF
PT-65A/B/C/D
277.2K Hrs min, MIL-HDBK-217F (25°C)
PT-6503
222K Hrs min, MIL-HDBK-217F (25°C)
Vibration
10~500Hz, 2G10min./1cycle, period for
60min. each along X, Y, Z axes
PHYSICAL SPECIFICATIONS
Size
Millimeters
127 x 76.2 x 42
Inches
5” x 3” x 1.6”
Weight
PT-65A/B/C/D
8.82 oz (250g)
PT-6503
9.87 oz (280g)
NOTE
1. Ripple and Noise are measured at 20MHz of bandwidth by using a
12” twisted pair-wire terminated with a 0.1uf & 47 uf parallel capacitor.
2. Tolerance: includes set up tolerance, line regulation and load regula-
tion.
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - PT-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PT-65B ASTRODYNE-PT-65B Datasheet
1Mb / 8P
   65W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65B MEANWELL-PT-65B Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65B RSG-PT-65B Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65B MEANWELL-PT-65B Datasheet
433Kb / 2P
   65W Triple Output Switching Power Supply
PT-65B MEANWELL-PT-65B Datasheet
431Kb / 2P
   65W Triple Output Switching Power Supply
More results

Similar Description - PT-65B

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RT-65 ASTRODYNE-RT-65 Datasheet
517Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RPT-65 MEANWELL-RPT-65_10 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
PT-65 RSG-PT-65 Datasheet
125Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
PT-65 MEANWELL-PT-65 Datasheet
429Kb / 2P
   65W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
RPT-65 RSG-RPT-65 Datasheet
258Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65 Datasheet
439Kb / 2P
   65W Triple Output Switching Power Supply
logo
Astrodyne Corporation
RT65 ASTRODYNE-RT65 Datasheet
300Kb / 4P
   65W Triple Output Switching Power Supply
logo
Total Power Internation...
RT-65 TOTAL-POWER-RT-65 Datasheet
515Kb / 2P
   65W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
RT-65 MEANWELL-RT-65_10 Datasheet
446Kb / 2P
   65W Triple Output Switching Power Supply
RPT-65 MEANWELL-RPT-65_11 Datasheet
362Kb / 3P
   65W Triple Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com