Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPS125-27 Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PPS125-27
Description  125W Single Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PPS125-27 Datasheet(HTML) 1 Page - Astrodyne Corporation

  PPS125-27 Datasheet HTML 1Page - Astrodyne Corporation PPS125-27 Datasheet HTML 2Page - Astrodyne Corporation PPS125-27 Datasheet HTML 3Page - Astrodyne Corporation PPS125-27 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
125W Single Output with PFC Function
PPS125 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Protections: Short circuit / Overload / Over voltage
Built-in active PFC function
PWM control and regulated
High power density 6.117W/cubic inch
Built-in remote sense function
125W with 18CFM FAN
5”x3” compact size
Model Number Output Volts Output Amps
OVP
DC Volt Adjust
Min Load(Convection) Min Load(18CFM FAN)
TRIPLE OUTPUT
PPS125-3.3
3.3 Volts(DC)
20 Amps
3.63~4.45Volts(DC) 3.13~3.46Volts(DC)
0~20Amps
0~25Amps
PPS125-5
5 Volts(DC)
20 Amps
5.5~6.75Volts(DC)
4.75~5.25Volts(DC)
0~20Amps
0~25Amps
PPS125-12
12 Volts(DC)
8.5 Amps
13.8~16.2Volts(DC) 11.40~12.60Volts(DC)
0~8.5Amps
0~10.5Amps
PPS125-13.5
13.5 Volts(DC) 7.5 Amps
15.5~20.25Volts(DC) 12.82~14.17Volts(DC)
0~7.5Amps
0~9.3Amps
PPS125-15
15 Volts(DC)
6.7 Amps
17.25~20.25Volts(DC) 14.25~15.75Volts(DC)
0~6.7Amps
0~8.4Amps
PPS125-24
24 Volts(DC)
4.2Amps
27.6~32.4Volts(DC) 22.80~25.20Volts(DC)
0~4.2Amps
0~5.2Amps
PPS125-27
27 Volts(DC)
3.8 Amps
31.05~36.45Volts(DC) 25.65~28.35Volts(DC)
0~3.8Amps
0~4.6Amps
PPS125-48
48 Volts(DC)
2.1 Amps
57.6~67.2Volts(DC) 45.60~50.40Volts(DC)
0~2.1Amps
0~2.6Amps


Similar Part No. - PPS125-27

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PPS125-27 ASTRODYNE-PPS125-27 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
More results

Similar Description - PPS125-27

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PPS-125 ASTRODYNE-PPS-125 Datasheet
635Kb / 4P
   125W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-125 MEANWELL-PPS-125 Datasheet
277Kb / 2P
   125W Single Output with PFC Function
PPS-125 MEANWELL-PPS-125_11 Datasheet
291Kb / 2P
   125W Single Output with PFC Function
logo
Total Power Internation...
PPS-125 TOTAL-POWER-PPS-125 Datasheet
392Kb / 2P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPS-125 RSG-PPS-125 Datasheet
170Kb / 2P
   125W Single Output with PFC Function
logo
Astrodyne Corporation
PPS125 ASTRODYNE-PPS125 Datasheet
327Kb / 4P
   125W Single Output with PFC Function
logo
RSG Electronic Componen...
PPT-125 RSG-PPT-125 Datasheet
170Kb / 2P
   125W Triple Output with PFC Function
logo
Mean Well Enterprises C...
PPT-125 MEANWELL-PPT-125_10 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125_11 Datasheet
283Kb / 2P
   125W Triple Output with PFC Function
PPT-125 MEANWELL-PPT-125 Datasheet
281Kb / 2P
   125W Triple Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com