Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMMK150D-A Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PMMK150D-A
Description  Medical Grade 150 Watt Open Frame with PFC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMMK150D-A Datasheet(HTML) 1 Page - Astrodyne Corporation

  PMMK150D-A Datasheet HTML 1Page - Astrodyne Corporation PMMK150D-A Datasheet HTML 2Page - Astrodyne Corporation PMMK150D-A Datasheet HTML 3Page - Astrodyne Corporation PMMK150D-A Datasheet HTML 4Page - Astrodyne Corporation PMMK150D-A Datasheet HTML 5Page - Astrodyne Corporation PMMK150D-A Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Medical Grade 150 Watt Open Frame with PFC
PMMK150 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
3”W x 5.5”L x 1.437”H
150 Watts Output Power
Single and Dual Outputs
Universal 90-264VAC Input
5VDC to 48VDC Outputs
5656VDC Input to Output Isolation
Active Power Factor Correction
Model Number
Output Voltage
Output Amps (max) Line Regulation (max) Ripple & Noise
SINGLE OUTPUT
PMMK150S-5
5 VDC
30
±1%
150mV pk-pk
PMMK150S-12
12 VDC
12.5
±1%
150mV pk-pk
PMMK150S-15
15 VDC
10
±1%
150mV pk-pk
PMMK150S-24
24 VDC
6.3
±1%
150mV pk-pk
PMMK150S-48
48 VDC
3.2
±1%
250mV pk-pk
DUAL OUTPUT
PMMK150D-A
5/12 VDC
15/7
±0.5/1%
50/100mV pk-pk
PMMK150D-B
5/24 VDC
15/3.5
±0.5/2%
50/200mV pk-pk
PMMK150D-C
12/24 VDC
7/3.5
±1/2%
100/200mV pk-pk
PMMK150D-D
12/48 VDC
7/1.5
±1/4%
100/400mV pk-pk


Similar Part No. - PMMK150D-A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150D-A ASTRODYNE-PMMK150D-A Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150D-AD ASTRODYNE-PMMK150D-AD Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
PMMK150D-AE ASTRODYNE-PMMK150D-AE Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150D-AU ASTRODYNE-PMMK150D-AU Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
More results

Similar Description - PMMK150D-A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK150 ASTRODYNE-PMMK150 Datasheet
639Kb / 4P
   Medical Grade 150 Watt Open Frame with PFC
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
PMMK150U ASTRODYNE-PMMK150U Datasheet
644Kb / 4P
   Medical Grade 150 Watt U-Channel with PFC
REL150 ASTRODYNE-REL150 Datasheet
407Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
REL150 ASTRODYNE-REL150_16 Datasheet
246Kb / 3P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150 Datasheet
619Kb / 4P
   150 Watt Open Frame Switching Power Supply with PFC
PMK150 ASTRODYNE-PMK150_16 Datasheet
705Kb / 6P
   150 Watt Open Frame Switching Power Supply with PFC
PMMK150-D ASTRODYNE-PMMK150-D Datasheet
551Kb / 5P
   Medical Grade 150 Watt with DIN Rail mount and PFC
logo
Intronics Power, Inc.
AC200X INTRONICS-AC200X Datasheet
567Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
logo
CINCON ELECTRONICS Corp...
CFM201S CINCON-CFM201S Datasheet
449Kb / 3P
   200 WATT AC-DC OPEN FRAME WITH PFC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com