Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMK450S-36e Datasheet(PDF) 5 Page - Astrodyne Corporation

Part # PMK450S-36e
Description  450 Watt Enclosed and U-Channel Power Supplies with PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PMK450S-36e Datasheet(HTML) 5 Page - Astrodyne Corporation

  PMK450S-36e Datasheet HTML 1Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 2Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 3Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 4Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 5Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 6Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 7Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 8Page - Astrodyne Corporation PMK450S-36e Datasheet HTML 9Page - Astrodyne Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
450 Watt Enclosed and U-Channel Power Supplies with PFC
PMK450 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
A
AASSST
TTR
RRO
OOD
DDY
YYN
NNE
EE P
PPA
AAC
CCIIIF
FFIIIC
CC C
CCO
OOR
RRP
PP
E
EEL
LLE
EEC
CCT
TTR
RRIIIC
CCA
AAL
LL SSSP
PPE
EEC
CCIIIF
FFIIIC
CCA
AAT
TTIIIO
OON
NN
Din-rail with Fan (PMK450S-xxD):
Input connector:3P / 8.25 mm pitch terminal block
Output connector:7P / 8.25 mm pitch terminal block
Unit : mm
M3 hole size


Similar Part No. - PMK450S-36e

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
PMK432C6477MM-T TAIYO-YUDEN-PMK432C6477MM-T Datasheet
334Kb / 2P
   Standard packaging quantity (minimum) Taping Embossed 500pcs
More results

Similar Description - PMK450S-36e

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
PMK130 ASTRODYNE-PMK130 Datasheet
2Mb / 10P
   130W Open Frame and U-Channel Power Supplies with PFC
PMK150E ASTRODYNE-PMK150E_16 Datasheet
336Kb / 5P
   150 Watt Enclosed Switching Power Supply with PFC
PMK225E ASTRODYNE-PMK225E Datasheet
424Kb / 4P
   225 Watt Enclosed Switching Power Supply with PFC
PMK150E ASTRODYNE-PMK150E Datasheet
527Kb / 4P
   150 Watt Enclosed Switching Power Supply with PFC
PMK320E ASTRODYNE-PMK320E Datasheet
359Kb / 4P
   320 Watt Enclosed Switching Power Supply with PFC
PMK150U ASTRODYNE-PMK150U Datasheet
625Kb / 4P
   150 Watt U-Channel Switching Power Supply with PFC
PMK225U ASTRODYNE-PMK225U Datasheet
481Kb / 4P
   225 Watt U-Channel Switching Power Supply with PFC
PMMK150E ASTRODYNE-PMMK150E Datasheet
547Kb / 4P
   Medical Grade 150 Watt Enclosed with PFC
logo
Tumbler Technologies + ...
TM450 TRUMPOWER-TM450 Datasheet
253Kb / 3P
   450 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com