Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PPQ-1003A Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # PPQ-1003A
Description  100W Quad Output with PFC Function
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

PPQ-1003A Datasheet(HTML) 1 Page - Astrodyne Corporation

  PPQ-1003A Datasheet HTML 1Page - Astrodyne Corporation PPQ-1003A Datasheet HTML 2Page - Astrodyne Corporation PPQ-1003A Datasheet HTML 3Page - Astrodyne Corporation PPQ-1003A Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100W Quad Output with PFC Function
PPQ1003 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal AC input
Built-in active PFC function, PF>0.95
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
Fixed switching frequency at PFC:67KHz
PWM:134KHz(Optional)
Model Number Output Volts Output Amps
Ripple & Noise Line Reg Load Reg Volt Tolerance
Min Load
Quad OUTPUT
PPQ-1003A
3.3 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
0~15Amps
5 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
2.0~15Amps
12 Volts(DC)
2.0 Amps
150mVpk-pk
±2.0%
±6.0%
±6.0%
0.2~3.0Amps
-5Volts(DC)
0.3 Amps
100mVpk-pk
±1.0%
±1.0%
±6.0%
0~1.0Amps
PPQ-1003B
3.3 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
0~15Amps
5 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
2.0~15Amps
12 Volts(DC)
2.0 Amps
150mVpk-pk
±2.0%
±6.0%
±6.0%
0.2~3.0Amps
-12 Volts(DC)
0.3 Amps
120mVpk-pk
±1.0%
±1.0%
±6.0%
0~1.0Amps
PPQ-1003C
3.3 Volts(DC)
10Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
0~15Amps
5 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
2.0~15Amps
15 Volts(DC)
1.5 Amps
180mVpk-pk
±2.0%
±6.0%
+10,-5%
0.2~3.0Amps
-15 Volts(DC)
0.3 Amps
150mVpk-pk
±1.0%
±1.0%
±6.0%
0~1.0Amps
PPQ-1003D
3.3 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
0~15Amps
5 Volts(DC)
10 Amps
100mVpk-pk
±1.0%
±2.0%
±3.0%
2~15Amps
12 Volts(DC)
2.0 Amps
150mVpk-pk
±2.0%
±6.0%
±6.0%
0.2~3.0Amps
24 Volts(DC)
0.3 Amps
150mVpk-pk
±1.0%
±1.0%
±6.0%
0~1.0Amps


Similar Part No. - PPQ-1003A

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PPQ-1003A MEANWELL-PPQ-1003A Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
logo
Tumbler Technologies + ...
PPQ-1003A TRUMPOWER-PPQ-1003A Datasheet
50Kb / 1P
   Switching Power Supplies
logo
Mean Well Enterprises C...
PPQ-1003A MEANWELL-PPQ-1003A Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
PPQ-1003A MEANWELL-PPQ-1003A Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
More results

Similar Description - PPQ-1003A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VPPQ-1003C CUI-VPPQ-1003C Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
QP-100 MEANWELL-QP-100 Datasheet
898Kb / 5P
   100W Quad Output with PFC Function
logo
RSG Electronic Componen...
QP-100 RSG-QP-100 Datasheet
232Kb / 5P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-100 MEANWELL-PPQ-100_11 Datasheet
365Kb / 2P
   100W Quad Output with PFC Function
QP-100 MEANWELL-QP-100_10 Datasheet
944Kb / 5P
   100W Quad Output with PFC Function
logo
Astrodyne Corporation
QP-100 ASTRODYNE-QP-100 Datasheet
425Kb / 3P
   100W Quad Output with PFC Function
logo
CUI INC
VPPQ-1003D CUI-VPPQ-1003D Datasheet
84Kb / 2P
   100W Quad Output with PFC Function
logo
Mean Well Enterprises C...
PPQ-1003 MEANWELL-PPQ-1003_11 Datasheet
673Kb / 3P
   100W Quad Output with PFC Function
PPQ-100 MEANWELL-PPQ-100 Datasheet
362Kb / 2P
   100W Quad Output with PFC Function
PPQ-1003 MEANWELL-PPQ-1003 Datasheet
668Kb / 3P
   100W Quad Output with PFC Function
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com