Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD43-100 Datasheet(PDF) 4 Page - Linear Technology

Part # CD43-100
Description  Dual Micropower DC/DC Converter with Positive and Negative Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CD43-100 Datasheet(HTML) 4 Page - Linear Technology

  CD43-100 Datasheet HTML 1Page - Linear Technology CD43-100 Datasheet HTML 2Page - Linear Technology CD43-100 Datasheet HTML 3Page - Linear Technology CD43-100 Datasheet HTML 4Page - Linear Technology CD43-100 Datasheet HTML 5Page - Linear Technology CD43-100 Datasheet HTML 6Page - Linear Technology CD43-100 Datasheet HTML 7Page - Linear Technology CD43-100 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LT1945
1945f
BLOCK DIAGRA
Figure 1. LT1945 Block Diagram
OPERATIO
The LT1945 uses a constant off-time control scheme to
provide high efficiencies over a wide range of output
current. Operation can be best understood by referring to
the block diagram in Figure 1. Q1 and Q2 along with R3 and
R4 form a bandgap reference used to regulate the output
voltage. When the voltage at the NFB1 pin is slightly below
–1.23V, comparator A1 disables most of the internal
circuitry. Output current is then provided by capacitor C2,
which slowly discharges until the voltage at the NFB1 pin
goes above the hysteresis point of A1 (typical hysteresis
at the NFB1 pin is 8mV). A1 then enables the internal
circuitry, turns on power switch Q3, and the current in
inductors L1 and L2 begins ramping up. Once the switch
current reaches 350mA, comparator A2 resets the one-
shot, which turns off Q3 for 400ns. L2 continues to deliver
current to the output while Q3 is off. Q3 turns on again and
the inductor currents ramp back up to 350mA, then A2
again resets the one-shot. This switching action continues
until the output voltage is charged up (until the NFB1 pin
reaches –1.23V), then A1 turns off the internal circuitry
and the cycle repeats.
The second switching regulator is a step-up converter
(which generates a positive output) but the basic opera-
tion is the same.The LT1945 contains additional circuitry
to provide protection during start-up and under short-
circuit conditions. When the FB2 pin voltage is less than
approximately 600mV, the switch off-time is increased to
1.5
µs and the current limit is reduced to around 250mA
(70% of its normal value). This reduces the average
inductor current and helps minimize the power dissipation
in the power switch and in the external inductor and diode.
+
+
8
400ns
ONE-SHOT
DRIVER
RESET
RESET
ENABLE
42mV
0.12
A2
A1
Q3
9
3
R4
280k
R3
60k
R6
80k
R5
80k
Q2
X10
Q1
1
VIN
NFB1
2
SHDN1
10
SW1
PGND
GND
1945 BD
L1
C3
C2
VOUT1
VIN
D1
R2
(EXTERNAL)
R1
(EXTERNAL)
VOUT1
C1
+
+
400ns
ONE-SHOT
ENABLE
42mV
0.12
A2B
A1B
Q3B
7
R4B
140k
R3B
30k
R6B
40k
R5B
40k
Q2B
X10
Q1B
5
VIN
FB2
4
SHDN2
6
SW2
PGND
L3
L2
C4
VOUT2
VIN
D2
R2B
(EXTERNAL)
R1B
(EXTERNAL)
VOUT2
SWITCHER 1
SWITCHER 2
DRIVER


Similar Part No. - CD43-100

ManufacturerPart #DatasheetDescription
logo
AIT Components Ltd.
CD43-100 AITCOMPONENTS-CD43-100 Datasheet
31Kb / 1P
   CD43 SMD POWER INDUCTOR
More results

Similar Description - CD43-100

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1945 LINER-LT1945_15 Datasheet
131Kb / 8P
   Dual Micropower DC/DC Converter with Positive and Negative Outputs
logo
Texas Instruments
TPS65130 TI-TPS65130 Datasheet
550Kb / 29P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130RGER TI1-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65130 TI1-TPS65130_16 Datasheet
1Mb / 32P
[Old version datasheet]   Positive and Negative Output DC-DC Converter
TPS65130RGER TI-TPS65130RGER Datasheet
1Mb / 34P
[Old version datasheet]   POSITIVE AND NEGATIVE OUTPUT DC-DC CONVERTER
TPS65131-Q1 TI1-TPS65131-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Positive- and Negative-Output DC-DC Converter
TPS65130 TI-TPS65130_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS6513x Positive and Negative Output DC-DC Converter
logo
Maxim Integrated Produc...
MAX685 MAXIM-MAX685_V01 Datasheet
350Kb / 11P
   Dual-Output (Positive and Negative), DC-DC Converter for CCD and LCD
2003
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com