Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC7808A Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # MC7808A
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC7808A Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button MC7808A Datasheet HTML 3Page - Fairchild Semiconductor MC7808A Datasheet HTML 4Page - Fairchild Semiconductor MC7808A Datasheet HTML 5Page - Fairchild Semiconductor MC7808A Datasheet HTML 6Page - Fairchild Semiconductor MC7808A Datasheet HTML 7Page - Fairchild Semiconductor MC7808A Datasheet HTML 8Page - Fairchild Semiconductor MC7808A Datasheet HTML 9Page - Fairchild Semiconductor MC7808A Datasheet HTML 10Page - Fairchild Semiconductor MC7808A Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MC78XX/LM78XX/MC78XXA
7
Electrical Characteristics (MC7812)
(Refer to test circuit ,0
°C < TJ < 125°C, IO = 500mA, VI =19V, CI= 0.33µF, CO=0.1µF, unless otherwise specified)
Note:
1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
MC7812
Unit
Min.
Typ. Max.
Output Voltage
VO
TJ =+25
oC
11.5
12
12.5
5.0mA
≤ IO≤1.0A, PO≤15W
VI = 14.5V to 27V
11.4
12
12.6
V
Line Regulation (Note1)
Regline
TJ =+25
oC
VI = 14.5V to 30V
-
10
240
mV
VI = 16V to 22V
-
3.0
120
Load Regulation (Note1)
Regload
TJ =+25
oC
IO = 5mA to 1.5A
-
11
240
mV
IO = 250mA to 750mA
-
5.0
120
Quiescent Current
IQ
TJ =+25
oC-
5.1
8.0
mA
Quiescent Current Change
∆IQ
IO = 5mA to 1.0A
-
0.1
0.5
mA
VI = 14.5V to 30V
-
0.5
1.0
Output Voltage Drift
∆VO/∆TIO = 5mA
-
-1
-
mV/ oC
Output Noise Voltage
VN
f = 10Hz to 100KHz, TA =+25
oC-
76
-
µV/Vo
Ripple Rejection
RR
f = 120Hz
VI = 15V to 25V
55
71
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ=+25
oC-
2
-
V
Output Resistance
rO
f = 1KHz
-
18
-
m
Short Circuit Current
ISC
VI = 35V, TA=+25
oC
-
230
-
mA
Peak Current
IPK
TJ = +25
oC-
2.2
-
A


Similar Part No. - MC7808A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7808AB ONSEMI-MC7808AB Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
MC7808ABD2T ONSEMI-MC7808ABD2T Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
MC7808ABD2T ONSEMI-MC7808ABD2T Datasheet
245Kb / 32P
   1.0 A Positive Voltage Regulators
August, 2006 ??Rev. 15
MC7808ABD2T ONSEMI-MC7808ABD2T Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
MC7808ABD2TG ONSEMI-MC7808ABD2TG Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
More results

Similar Description - MC7808A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com