Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1764EQ-3.3 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1764EQ-3.3
Description  3A, Fast Transient Response, Low Noise,LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1764EQ-3.3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1764EQ-3.3 Datasheet HTML 2Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 3Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 4Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 5Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 6Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 7Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 8Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 9Page - Linear Technology LT1764EQ-3.3 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1764 Series
1764fa
TYPICAL PERFOR A CE CHARACTERISTICS
LT1764-1.8 GND Pin Current
LT1764-2.5 GND Pin Current
LT1764-3.3 GND Pin Current
LT1764 GND Pin Current
LT1764-1.8 GND Pin Current
LT1764-2.5 GND Pin Current
LT1764-3.3 GND Pin Current
LT1764 GND Pin Current
GND Pin Current vs ILOAD
INPUT VOLTAGE (V)
1
0
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
9
1764 G13
357
8
246
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.8V
RL = 3.6Ω
IL = 500mA*
RL = 18Ω
IL = 100mA*
RL = 6Ω
IL = 300mA*
INPUT VOLTAGE (V)
1
0
40
35
30
25
20
15
10
5
0
9
1764 G14
357
8
246
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 2.5V
RL = 5Ω
IL = 500mA*
RL = 25Ω
IL = 100mA*
RL = 8.33Ω
IL = 300mA*
INPUT VOLTAGE (V)
1
0
80
70
60
50
40
30
20
10
0
9
1764 G15
357
8
246
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 3.3V
RL = 6.6Ω
IL = 500mA*
RL = 33Ω
IL = 100mA*
RL = 11Ω
IL = 300mA*
INPUT VOLTAGE (V)
0
9
12
15
8
1764 G16
6
3
0
2
4
6
19
3
5
7
10
RL = 2.42Ω
IL = 500mA*
RL = 12.1Ω
IL = 100mA*
RL = 4.33Ω
IL = 300mA*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.21V
INPUT VOLTAGE (V)
0
90
120
150
8
1764 G17
60
30
0
2
4
6
19
3
5
7
10
RL = 0.6Ω
IL = 3A*
RL = 2.57Ω
IL = 0.7A*
RL = 1.2Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.8V
INPUT VOLTAGE (V)
0
120
160
200
8
1764 G18
80
40
0
2
4
6
19
3
5
7
10
RL = 0.83Ω
IL = 3A*
RL = 3.57Ω
IL = 0.7A*
RL = 1.66Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 2.5V
INPUT VOLTAGE (V)
0
120
160
200
8
1764 G19
80
40
0
2
4
6
19
3
5
7
10
RL = 1.1Ω
IL = 3A*
RL = 2.2Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 3.3V
RL = 4.71Ω
IL = 0.7A*
INPUT VOLTAGE (V)
0
90
120
150
8
1764 G20
60
30
0
2
4
6
19
3
5
7
10
RL = 0.4Ω
IL = 3A*
RL = 0.81Ω
IL = 1.5A*
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.21V
RL = 1.73Ω
IL = 0.7A*
OUTPUT CURRENT (A)
0
60
80
100
1.5
2.5
1764 G21
40
20
0
0.5
1.0
2.0
120
140
160
3.0
VIN = VOUT(NOM) + 1V


Similar Part No. - LT1764EQ-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764EQ-3.3 LINER-LT1764EQ-3.3 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
More results

Similar Description - LT1764EQ-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1764 LINER-LT1764_1 Datasheet
286Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
LT1764A LINER-LT1764A_15 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764-EQ LINEAR_DIMENSIONS-LT1764-EQ Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764AEQ-25 LINER-LT1764AEQ-25 Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
LT1764 LINER-LT1764_15 Datasheet
292Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Dimensions Semic...
LT1764AEFEPBF LINEAR_DIMENSIONS-LT1764AEFEPBF Datasheet
638Kb / 20P
   3A, Fast Transient Response, Low Noise, LDO Regulators
logo
Linear Technology
LT1764A LINER-LT1764A Datasheet
632Kb / 20P
   3A, Fast Transient Response, Low Noise,LDO Regulators
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com