Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B964054 Datasheet(PDF) 1 Page - Alpha Wire

Part # B964054
Description  CUSTOMER PRODUCT SPECIFICATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

B964054 Datasheet(HTML) 1 Page - Alpha Wire

  B964054 Datasheet HTML 1Page - Alpha Wire B964054 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE
CUSTOMER PRODUCT SPECIFICATION
Part Number: B964054
Issue:
1
Page 1 of 2 Pages
Issue Date:
9/10/2010
Effective Date:
11/5/2010
Although Alpha Wire Company ("Alpha") makes every reasonable effort to ensure their accuracy at the time of publication, information and specifications
described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure
product availability.
Alpha provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In
no event will Alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if Alpha has
been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the
use, or inability to use, the information or specifications described herein.
711 Lidgerwood Ave Elizabeth, NJ 07207-0711
Toll Free 1-800-52 ALPHA • T: 1-908-925-8000 • F: 908-925-5411 • Email: info@alphawire.com
www.alphawire.com
A.
Construction
Diameters (mm)
1) Component 1
5 X 1 PAIR
a) Conductor
22 (7/30) AWG TC
0.76
b) Insulation
0.25 Wall, Nom. PVC, Semi Rigid
1.27
(1) Color Code
Alpha Wire Color Code B
Pair
Color
Pair
Color
Pair
Color
1
WHITE-BLACK
3
WHITE-RED
5
WHITE-YELLOW
2
WHITE-BROWN
4
WHITE-ORANGE
c)
Pair
2/Cond Cabled Together
(1) Twists:
26.2 Twists/meter (min)
2) Cable Assembly
5 Components Cabled
a) Twists:
15.7 Twists/meter (min)
b) Core Wrap
Clear Mylar Tape, 25% Overlap, Min.
3) Shield:
A/P/A Tape, 25% Overlap, Min.
a) Drain Wire
22 (7/30) AWG TC
b) Braid
TC,70% Coverage, Min.
4) Jacket
0.81 Wall, Nom.,PVC
8.08 (8.49 Max.)
a) Color(s)
GREY
b) Ripcord
1 End 810 Denier Nylon
c)
Print
ALPHA WIRE-* P/N B964054
0.35MM2 (22AWG) (UL) TYPE CM 105C OR AWM 2464
TERS)
e.
VW-1
CE
ROHS
(SEQ ME
* = Factory Code
B.
Applicable Specifications
1) UL
a) Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b) Overall
AWM/STYLE 2464
80°C / 300 VRMS
CM
105°C
VW-1
2) IEC
EN 60332-1 Flame Behavior
EN 60332-2 Flame Behavior
3) CE:
LVD 73/23/EEC Amendment 93/68/EEC
C.
Environmental Compliance
1) EU Directive 2002/95/EC(RoHS):
All materials used in the manufacture of this part are in compliance with EU
Directive 2002/95/EU regarding the restriction of use of certain hazardous
substances in electrical and electronic equipment. Consult Alpha Wire's web site
for compliance Date of Manufactur
2) REACH Regulation (EC 1907/2006):
This product does not contain any of the substances listed on the European Union
REACH Substance of Very High Concern (SVHC) candidate list, dated 30 March
2010, in excess of a concentration of 0.1% weight/weight.
D.
Physical & Mechanical Properties
1) Temperature Range
-30 to 105°C
2) Bend Radius
10X Cable Diameter
3) Pull Tension
66 Lbs, Maximum
4) Sunlight Resistance
Yes
E.
Electrical Properties
(For Engineering purposes only)
1) Voltage Rating
300 VRMS
2) Mutual Capacitance
88.56 pf/m @1 kHz, Nominal
3) Ground Capacitance
160.72 pf/m @1 kHz, Nominal
4) Characteristic Impedance
70 Ω
5) Inductance
0.5904 µH/m, Nominal


Similar Part No. - B964054

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
B964052 ALPHAWIRE-B964052 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B964053 ALPHAWIRE-B964053 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results

Similar Description - B964054

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
B963064 ALPHAWIRE-B963064 Datasheet
70Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
B963114 ALPHAWIRE-B963114 Datasheet
71Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
6419 ALPHAWIRE-6419 Datasheet
76Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86406CY ALPHAWIRE-86406CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86504CY ALPHAWIRE-86504CY Datasheet
78Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
86703CY ALPHAWIRE-86703CY Datasheet
77Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
5902C ALPHAWIRE-5902C Datasheet
79Kb / 2P
   CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com