Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1715 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1715
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1715 Datasheet HTML 6Page - Linear Technology LT1715 Datasheet HTML 7Page - Linear Technology LT1715 Datasheet HTML 8Page - Linear Technology LT1715 Datasheet HTML 9Page - Linear Technology LT1715 Datasheet HTML 10Page - Linear Technology LT1715 Datasheet HTML 11Page - Linear Technology LT1715 Datasheet HTML 12Page - Linear Technology LT1715 Datasheet HTML 13Page - Linear Technology LT1715 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1715
LT1715 is the significant reduction in these effects, which
is important whenever an LT1715 is used to detect a
threshold crossing in one direction only. In such a case,
the relevant trip point will be all that matters, and a stable
offset voltage with an unpredictable level of hysteresis, as
seen in competing comparators, is useless. The LT1715 is
many times better than prior generation comparators in
these regards. In fact, the CMRR and PSRR tests are
performed by checking for changes in either trip point to
the limits indicated in the specifications table. Because the
offset voltage is the average of the trip points, the CMRR
and PSRR of the offset voltage is therefore guaranteed to
be at least as good as those limits. This more stringent test
also puts a limit on the common mode and power supply
dependence of the hysteresis voltage.
Additional hysteresis may be added externally. The rail-to-
rail outputs of the LT1715 make this more predictable than
with TTL output comparators due to the LT1715’s small
variability of VOH (output high voltage).
To add additional hysteresis, set up positive feedback by
adding additional external resistor R3 as shown in Fig-
ure 6. Resistor R3 adds a portion of the output to the
threshold set by the resistor string. The LT1715 pulls the
outputs to + VS and ground to within 200mV of the rails
with light loads, and to within 400mV with heavy loads. For
the load of most circuits, a good model for the voltage on
the right side of R3 is 300mV or +VS – 300mV, for a total
voltage swing of (+VS–300mV)–(300mV)=+VS–600mV.
At frequencies well beyond 100MHz, the toggling of one
channel may be impaired by toggling on the other. This is
a rather complex interaction of supply bypassing and bond
inductance, and it cannot be entirely prevented. However,
good bypassing and board layout techniques will effec-
tively minimize it.
Power Supply Sequencing
The LT1715 is designed to tolerate any power supply
sequencing at system turn-on and power down. In any of
the previously shown power supply configurations, the
various supplies can activate in any order without exces-
sive current drain by the LT1715.
As always, the Absolute Maximum Ratings must not be
exceeded, either on the power supply terminals or the
input terminals. Power supply sequencing problems can
occur when input signals are powered from supplies that
are independent of the LT1715’s supplies. No problems
should occur if the input signals are powered from the
same VCC and VEE supplies as the LT1715.
Unused Comparators
If a comparator is unused, its output should be left floating
to minimize load current. The unused inputs can be tied off
to the rails and power consumption can be further mini-
mized if the inputs are connected to the power rails to
induce an output low. Connecting the inverting input to
VCC and the noninverting input to VEE will likely be the
easiest method.
Hysteresis
The LT1715 includes internal hysteresis, which makes it
easier to use than many other similar speed comparators.
The input-output transfer characteristic is illustrated in
Figure 5 showing the definitions of VOS and VHYST based
upon the two measurable trip points. The hysteresis band
makes the LT1715 well behaved, even with slowly moving
inputs.
The exact amount of hysteresis will vary from part to part
as indicated in the specifications table. The hysteresis
level will also vary slightly with changes in supply voltage
and common mode voltage. A key advantage of the
APPLICATIO S I FOR ATIO
Figure 5. Hysteresis I/O Characteristics
VHYST
(= VTRIP
+ – V
TRIP
)
VHYST/2
VOL
1715 F05
VOH
VTRIP
VTRIP
+
∆VIN = VIN+ – VIN–
VTRIP
+ + V
TRIP
2
VOS =
0


Similar Part No. - LT1715

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715 Datasheet
1Mb / 36P
   Low Phase Noise, Dual Output Buffer/Driver/Logic Converter
LT1715 LINER-LT1715 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1715 LINER-LT1715 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1715CMSPBF LINER-LT1715CMSPBF Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715CMSTRPBF LINER-LT1715CMSTRPBF Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
More results

Similar Description - LT1715

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1715 LINER-LT1715_15 Datasheet
255Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
LT1715 LINER-LT1715_1 Datasheet
243Kb / 20P
   4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
logo
Intersil Corporation
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5185C ELANTEC-EL5185C Datasheet
301Kb / 11P
   4ns High-Speed Comparator
logo
Intersil Corporation
HA4905 INTERSIL-HA4905 Datasheet
25Kb / 2P
   Window Comparator With Independent Adjustments
April 1998
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Jingjing Microelectroni...
EG393 EGMICRO-EG393 Datasheet
503Kb / 12P
   Dual independent high precision voltage comparator chip
logo
Connor-Winfield Corpora...
H52DF CONNOR-WINFIELD-H52DF Datasheet
55Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
S52DF CONNOR-WINFIELD-S52DF Datasheet
54Kb / 1P
   INDEPENDENT DUAL OUTPUT OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com