Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJP1CS06DWA-W0 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJP1CS06DWA-W0
Description  Inverter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJP1CS06DWA-W0 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJP1CS06DWA-W0 Datasheet HTML 1Page - Renesas Technology Corp RJP1CS06DWA-W0 Datasheet HTML 2Page - Renesas Technology Corp RJP1CS06DWA-W0 Datasheet HTML 3Page - Renesas Technology Corp RJP1CS06DWA-W0 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS0829EJ0400R07DS0829EJ0400 Rev.4.00
Page 1 of 3
Sep 30, 2015
Preliminary Datasheet
RJP1CS06DWA / RJP1CS06DWS
1250V - 100A - IGBT
Application: Inverter
Features
 Low collector to emitter saturation voltage
VCE(sat) = 1.8 V typ. (at IC = 100 A, VGE = 15 V, Tc = 25
C)
 High speed switching
 Short circuit withstands time (10 s min.)
Outline
1. Gate
2. Collector (The back)
3. Emitter
Die
Wafer
2
C
2
1 G
E
3
1
3
3
3
Absolute Maximum Ratings
( Tc = 25°C unless otherwise noted )
Item
Symbol
Ratings
Unit
Collector to emitter voltage
VCES
1250
V
Gate to emitter voltage
VGES
±30
V
Collector current
Tc = 25°C
IC
200
A
Tc = 100°C
IC
100
A
Junction temperature
Tj
175 Note1
C
Notes: 1. Please use this device in the thermal conditions where the junction temperature does not exceed 175
C.
IGBT Application Note is disclosed about reliability test and application condition up to Tj = 175
C.
R07DS0829EJ0400
Rev.4.00
Sep 30, 2015


Similar Part No. - RJP1CS06DWA-W0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJP1CS06DWA-80W0 RENESAS-RJP1CS06DWA-80W0 Datasheet
77Kb / 4P
   1250V - 100A - IGBT Application: Inverter
More results

Similar Description - RJP1CS06DWA-W0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE_07 Datasheet
153Kb / 5P
   Inverter
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com