Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR2060UFBTRS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR2060UFBTRS
Description  20 AMP Ultra Fast Rectifier 300 - 600 Volts 45 nsec
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR2060UFBTRS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR2060UFBTRS Datasheet HTML 1Page - Solid States Devices, Inc SDR2060UFBTRS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0146D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SDR20 __ __ __ __
Screening2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
= Axial
BT = Cathode Button
BTR = Anode Button
Reverse Recovery
UF = Ultra Fast
Voltage
30 = 300 V
40 = 400 V
50 = 500 V
60 = 600 V
SDR2030UF thru
SDR2060UF Series
20 AMP
Ultra Fast Rectifier
300 - 600 Volts
45 nsec
Features:
Replaces DO-4 and DO-5
Ultra Fast Recovery
Low Reverse Leakage Current
Hermetically Sealed Void-Free Construction
3/
Monolithic Single Chip Construction
High Surge Rating
Low Thermal Resistance
Higher Voltages Available - Contact Factory
Replacement for MSARS20E060G
TX, TXV, and Space Level Screening Available
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SDR2030UFBT
SDR2040UFBT
SDR2050UFBT
SDR2060UFBT
VRRM
VRWM
VR
300
400
500
600
Volts
Average Rectified Forward Current
(Resistive Load, 60Hz Sine Wave)
Button @Tc
≤ 100°C
Axial @TL ≤ 55°C
IO
20
10
Amps
Peak Surge Current
(8.3 ms Pulse, Half sine Wave Superimposed on Io, Allow Junction to Reach Equilibrium Between
Pulses, TA=25
oC)
IFSM
300
Amps
Operating and Storage Temperature
Top & Tstg
-65 to +175
oC
Maximum Thermal Resistance
BT Button
BTR Button
Axial @ 0.25”
RJC
RJC
RJL
2.0
2.2
6.0
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability,
contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on
request.
3/ PIND testing not required on void free devices per MIL-PRF-19500.
Axial
Button


Similar Part No. - SDR2060UFBTRS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR2060UFBT SSDI-SDR2060UFBT Datasheet
91Kb / 2P
   Ultra Fast Rectifier
SDR2060UFBT SSDI-SDR2060UFBT Datasheet
107Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts
More results

Similar Description - SDR2060UFBTRS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0146C SSDI-RC0146C Datasheet
107Kb / 2P
   20 AMP Ultra Fast Rectifier 300 - 600 Volts
1N6690 SSDI-1N6690_1 Datasheet
94Kb / 2P
   20 AMP 600-1200 Volts 75 nsec ULTRA FAST RECTIFIER
SDR936 SSDI-SDR936 Datasheet
218Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936-61 SSDI-SDR936-61 Datasheet
217Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936DM SSDI-SDR936DM Datasheet
220Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR966N SSDI-SDR966N Datasheet
228Kb / 2P
   60 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936-3 SSDI-SDR936-3 Datasheet
209Kb / 2P
   30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR627G SSDI-SDR627G Datasheet
312Kb / 2P
   20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR943-61 SSDI-SDR943-61 Datasheet
196Kb / 2P
   40 AMP ULTRA FAST RECOVERY RECTIFIER 300- 600 VOLTS
SDR627-59 SSDI-SDR627-59 Datasheet
317Kb / 2P
   20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com