Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


COP8ACC5 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part No. COP8ACC5
Description  8-Bit CMOS ROM Based Microcontrollers with 4k Memory and High Resolution A/D
Download  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

 
 4 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin (Source)
100 mA
Total Current out of GND Pin (Sink)
110 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
Peak-to-Peak
2.5
5.5
V
Power Supply Ripple (Note 2)
0.1 V
CC
V
Supply Current (Note 3)
CKI = 4 MHz
V
CC = 5.5V, tC = 2.5 µs
5.5
mA
CKI = 4 MHz
V
CC = 4V, tC = 2.5 µs
2.5
mA
CKI = 1 MHz
V
CC = 4V, tC = 10 µs
1.4
mA
HALT Current (Note 4)
V
CC = 5.5V, CKI=0MHz
< 58
µA
V
CC = 4V, CKI = 0 MHz
< 34
µA
IDLE Current
CKI = 4 MHz
V
CC = 5.5V, tC = 2.5 µs
1.5
mA
CKI = 1 MHz
V
CC = 4V, tC = 10 µs
0.5
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
CC
V
Logic Low
0.2 V
CC
V
CKI, All Other Inputs
Logic High
0.7 V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
1
1
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis
(Note 6)
0.35 V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4V, VOH = 3.3V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink
V
CC = 4V, VOL =1V
10
mA
V
CC = 2.5V, VOL = 0.4V
2.0
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4V, VOH = 2.7V
−10
−110
µA
V
CC = 2.5V, VOH = 1.8V
−2.5
−33
µA
Source (Push-Pull Mode)
V
CC= 4V, VOH = 3.3V
−0.4
mA
V
CC = 2.5V, VOH = 1.8V
−0.2
mA
Sink (Push-Pull Mode)
V
CC = 4V, VOL = 0.4V
1.6
mA
V
CC = 2.5V, VOL = 0.4V
0.7
mA
TRI-STATE® Leakage
V
CC = 5.5V
1
1
µA
Allowable Sink/Source
Current per Pin
D Outputs (Sink)
15
mA
All others
3mA
Maximum Input Current
Room Temp
±200
mA
without Latchup (Note 5)
RAM Retention Voltage, V
r
500 ns Rise and Fall Time (min)
2
V
www.national.com
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
COP8ACC8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8FG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SE8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8SGR728M88-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP884BC8-Bit CMOS ROM Based Microcontrollers with 2k Memory Comparators and CAN Interface 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888CF8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888EB8-Bit CMOS ROM Based Microcontrollers with 8k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888EK8-Bit CMOS ROM Based Microcontrollers with 8k Memory Comparator and Single-slope A/D Capability 1 2 3 4 5 MoreNational Semiconductor (TI)
COP888FH8-Bit CMOS ROM Based Microcontrollers with 12k Memory Comparators USART and Hardware Multiply/Divide 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl