Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHR25UF Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHR25UF
Description  500 mA 2500 - 6000 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHR25UF Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHR25UF Datasheet HTML 1Page - Solid States Devices, Inc SHR25UF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0178A
DOC
SHR25UF – SHR60UF
and
SHR25UFSMS – SHR60UFSMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
PACKAGE OUTLINE:
Dimensions
Min
Max
Axial Lead
B
ØC
ØA
D
D
A
---
.135
B ( SHR25 – 40)
.195
.225
B ( SHR50 – 60)
.210
.240
C
.028
.031
D
1.000
---
Surface Mount Square Tab
A
.132
.140
B ( SHR25 – 40)
.240
.280
B ( SHR50 – 60)
.255
.335
C
.025
.033
D
.002
---


Similar Part No. - SHR25UF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHR-001T-P0.6 ETC2-SHR-001T-P0.6 Datasheet
232Kb / 8P
   Crimping tools and machines
logo
Lightel Technologies IN...
SHR-02V-S LIGHTEL-SHR-02V-S Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S ETC2-SHR-02V-S Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
Lightel Technologies IN...
SHR-02V-S-B LIGHTEL-SHR-02V-S-B Datasheet
151Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SHR-02V-S-B ETC2-SHR-02V-S-B Datasheet
161Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - SHR25UF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SGB10UF SSDI-SGB10UF Datasheet
39Kb / 2P
   60 mA 1000 - 3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SHM15UFSMS SSDI-SHM15UFSMS Datasheet
236Kb / 2P
   50-250 mA 1500-14000 VOLTS 60-100 Nsec HIGH VOLTAGE RECTIFIER
SHM15UF SSDI-SHM15UF Datasheet
223Kb / 2P
   50-250 mA 1500-14000 VOLTS 60-100 nsec HIGH VOLTAGE RECTIFIER
SGB10UFSMS SSDI-SGB10UFSMS Datasheet
21Kb / 2P
   60 mAMPS 1000 - 3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SGB10UFSMS SSDI-SGB10UFSMS_1 Datasheet
81Kb / 2P
   60 mAMP 1000-3500 VOLTS 60 nsec HIGH VOLTAGE RECTIFIER
SHM15F SSDI-SHM15F Datasheet
225Kb / 2P
   50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SUM20UF SSDI-SUM20UF Datasheet
157Kb / 2P
   0.4 AMPS 2000 - 5000 VOLTS 60 nsec HIGH VOLTAGE ULTRA FAST RECTIFIER
logo
ON Semiconductor
BS170G ONSEMI-BS170G Datasheet
98Kb / 4P
   Small Signal MOSFET 500 mA, 60 Volts
April, 2011 ??Rev. 6
logo
Rectron Semiconductor
FM2500W RECTRON-FM2500W Datasheet
22Kb / 2P
   HIGH VOLTAGE RECTIFIER VOLTAGE 2500 Volts CURRENT 0.15 Ampere
logo
Solid States Devices, I...
SAM50FA SSDI-SAM50FA Datasheet
328Kb / 2P
   0.5 AMP 5000 VOLTS 150 nsec HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com