Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX40-70CA Datasheet(PDF) 4 Page - MDE Semiconductor, Inc.

Part # MAX40-70CA
Description  HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 to 150 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

MAX40-70CA Datasheet(HTML) 4 Page - MDE Semiconductor, Inc.

  MAX40-70CA Datasheet HTML 1Page - MDE Semiconductor, Inc. MAX40-70CA Datasheet HTML 2Page - MDE Semiconductor, Inc. MAX40-70CA Datasheet HTML 3Page - MDE Semiconductor, Inc. MAX40-70CA Datasheet HTML 4Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MDE Semiconductor, Inc.
MAX™ 40 Cell Series
78-150 Calle Tampico, Unit 210, La Quinta, CA, U.S.A. Tel: 760-564-8656 • Fax 760-564-2414
Cell Outline Dimensions
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
.137 ±0.006
(3.44±0.1mm)
.198 ±0.006
(4.97±0.1mm)
.108 ±0.006
(2.68±0.1m)
.373 ±0.006
(9.4±0.1mm)
.078 ±0.006
(1.9±0.1mm
Stack 2 chip
Stack 3 chip
Stack 4 chip
Stack 6 chip
Stack 8 chip
.373 ±0.006
(9.4±0.1mm)
.373 ±0.006
(9.4±0.1mm)
.373 ±0.006
(9.4±0.1mm)
.373 ±0.006
(9.4±0.1mm)
.257 ±0.006
(6.5±0.1mm)
UNIT: Inch
(mm)
5/21/2009


Similar Part No. - MAX40-70CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX40-70CA MDE-MAX40-70CA Datasheet
579Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
More results

Similar Description - MAX40-70CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MAX20TABCELL MDE-MAX20TABCELL Datasheet
88Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX-20 MDE-MAX-20_09 Datasheet
71Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
MAX40-12CA MDE-MAX40-12CA Datasheet
579Kb / 4P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 12 TO 150 Volts 40000 Watt Peak Pulse Power
MAX20CELL MDE-MAX20CELL Datasheet
71Kb / 3P
   HIGH CURRENT TRANSIENT VOLTAGE SUPPRESSOR (TVS) DIODE STAND-OFF VOLTAGE 5.0 to 22 Volts
logo
StarHope
SMDJ SPSEMI-SMDJ Datasheet
404Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 170 Volts
SMBJ SPSEMI-SMBJ Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMAJ SPSEMI-SMAJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SMCJ SPSEMI-SMCJ Datasheet
710Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
SAC SPSEMI-SAC Datasheet
284Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-5.0 TO 50 Volts
SMBJ SPSEMI-SMBJ Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com