Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2600SA Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # P2600SA
Description  SURFACE MOUNT SMB AND AXIAL LEAD DO-15
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

P2600SA Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  P2600SA Datasheet HTML 1Page - MDE Semiconductor, Inc. P2600SA Datasheet HTML 2Page - MDE Semiconductor, Inc. P2600SA Datasheet HTML 3Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11/13/2013
FEATURES
MECHANICAL DATA
MECHANICAL DATA
P0640SA
P0640SAL
GC
58
77
150
800
50
1
60
P0720SA
P0720SAL
GD
65
88
150
800
50
1
60
P0800SA
P0800SAL
GE
75
98
150
800
50
1
60
P1100SA
P1100SAL
GF
90
130
150
800
50
1
60
P1300SA
P1300SAL
GG
120
160
150
800
50
1
40
P1500SA
P1500SAL
GH
140
180
150
800
50
1
40
P1800SA
P1800SAL
GI
160
220
150
800
50
1
40
P2300SA
P2300SAL
GJ
190
260
150
800
50
1
30
P2600SA
P2600SAL
GK
220
300
150
800
50
1
30
P3100SA
P3100SAL
GL
275
350
150
800
50
1
30
P3500SA
P3500SAL
GM
300
400
150
800
50
1
30
P4000SA
P4000SAL
GO
360
450
150
800
35
1
30
Maximum Off-State Current @VDRM : 5μA
Maximum On-State Voltage @IT : 5volts
passivated junction
MIL-STD-750, Method 2026
Terminal: Solder plated, solderable per MIL-STD-750,
Weight: 0.015 ounce, 0.4 gram
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
• Low Capacitance for T1/E1 Trunk and Line Card Application
• Provides Protection in Accordance with FCC
• High Surge Current Capability(See Electrical Characteristics)••
Part 68,UL1459,Bellcore 1089,ITU-TK. 20 & K. 21
Case: JEDEC DO-15 Molded plastic over passivated junction
Case: JEDEC DO214AA. Molded plastic over glass
Terminals: Tin Plated Axial leads, solderable per
MDE Semiconductor, Inc.
BIDIRECTIONAL THYRISTOR SURGE SUPPRESSOR SERIES
SURFACE MOUNT SMB AND AXIAL LEAD DO-15
• UL94V-0 Flammability Classification
• Peak Off-State Voltage from 58 to 300 volts
• ESD Protection >40 kilovolts
• Meet IEC100-4-4 & -5 Industry Requirement
Mounting Position: Any
Method 2026
Standard Packaging: 12mm tape (EIA STD RS-481)
Weight: 0.003 ounce, 0.093 gram
MDE
PART
NUMBER
MARKING
CODE FOR
AXIAL
DO-15
PACKAGE
MARKING
CODE FOR
SMB
PACKAGE
REPETITIVE
PEAK OFF-
STAGE
VOLTAGE
VDRM
VOLTS
ON-STAGE
CURRENT
IT
A
TYPICAL
CAPACITANCE
@50V,1MHz
pF
SWITCHING
VOLTAGE
@100V/us
Vs
VOLTS
MINIMUM
HOLDING
CURRENT
dl/dt=1A/ms
IH
mA
SWITCHING
CURRENT
Is
mA
SURGE
RATINGS
IPP
10x1000
μS
Amps
For AXIAL devices,use suffix L (e.g. P3100AL) electrical charactics apply in both AXIAL and Surface Mounted Devices.


Similar Part No. - P2600SA

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
P2600SA TECCOR-P2600SA Datasheet
423Kb / 2P
   SIDACtor Device
logo
Shanghai Leiditech Elec...
P2600SA LEIDITECH-P2600SA Datasheet
591Kb / 9P
   Thyristor Surge Suppressors
logo
Littelfuse
P2600SA LITTELFUSE-P2600SA Datasheet
97Kb / 1P
   DO-214AA Package Symbolization
logo
HuaXinAn Electronics CO...
P2600SA HUAXINAN-P2600SA Datasheet
324Kb / 6P
   Thyristor Surge Suppressors
P2600SA HUAXINAN-P2600SA Datasheet
375Kb / 7P
   SIDACtor Protection Thyristors
More results

Similar Description - P2600SA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P0640SC MDE-P0640SC_13 Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0640SB MDE-P0640SB_13 Datasheet
168Kb / 3P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-15
P0640SA MDE-P0640SA_13 Datasheet
180Kb / 2P
   SURFACE MOUNT SMB AND AXIAL LEAD DO-41
logo
Continental Device Indi...
DO-15 CDIL-DO-15 Datasheet
254Kb / 5P
   DO-15 Axial Plastic Package
logo
Sensitron
SS5418 SENSITRON-SS5418 Datasheet
73Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
1N5415 SENSITRON-1N5415 Datasheet
41Kb / 2P
   HIGH CURRENT AXIAL LEAD/SURFACE MOUNT RECTIFIERS
logo
MDE Semiconductor, Inc.
3T064A MDE-3T064A Datasheet
1Mb / 4P
   SURFACE MOUNT AND AXIAL LEAD TWO TERMINAL THYRISTOR (3T) SURGE SUPPRESSOR
logo
National Semiconductor ...
MKT-TS15B NSC-MKT-TS15B Datasheet
41Kb / 1P
   TO-263, MOLDED, 15 LEAD, SURFACE MOUNT
logo
Sensitron
1N6628 SENSITRON-1N6628 Datasheet
58Kb / 3P
   HERMETIC ULTRAFAST RECTIFIER AXIAL LEAD / SURFACE MOUNT (MELF)
logo
Continental Device Indi...
DO-214AA CDIL-DO-214AA Datasheet
264Kb / 4P
   DO-214AA (SMB) SMD Plastic Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com