Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1505ABHD3 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1505ABHD3
Description  Improved insulator materials sustain maximum return loss performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1505ABHD3 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1505ABHD3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1505ABHD3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1505ABHD3 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1505ABHD3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Internal Depiction of a Belden HD Brilliance Connector
Belden HD Brilliance Connectors include three
connector types, each offering varying levels
of electrical performance and installation speed:
Locking 1-Piece Design
Screw-Lock Collar provides superior electrical
signal performance by creating coaxial alignment
between the cable and connector center pin,
delivering return loss results that exceed
-20 dB at 4.5 GHz
A non-blind entry provides the assurance
that the center conductor is properly
inserted into the BNC center pin,
making connector installation easy
and repeatable on every installation
Improved insulator materials sustain
maximum return loss performance
1-Piece design eliminates pin, collar
and connector as separate components,
simplifying and speeding connection
installation time
Internal 360 º compression rings provide excellent
holding strength and eliminate ingress and egress
from the back of the connector
3
Product Overview
1-Piece Design
Offers excellent return loss performance comparable
with our 3-piece design, but with a faster,
simpler installation, and the benefit of a custom
fit with Belden Brilliance cable tolerances. Same
great 1-piece design features of non-blind entry,
compression rings and improved insulator, providing
easy and repeatable installation every time. The
Belden 1-Piece compression technology is a fast and
proven approach to a Belden end-to-end solution.
3-Piece Design
Traditional pin, collar and connector approach, but
designed specifically for Belden cable tolerances
for better performance and durability. Compatible
with select competitive crimp tools and die sets.
All Belden HD BNCs come with Belden’s patented extended head knurl
nut design for easy gripping when installing. The connector color band
also makes matching the proper connector with proper cable size
simple.
Color Coding
Limited Lifetime Connector Warranty when partnered with Belden
Brilliance Cable
10-Year Connector Warranty when used with other brands of cable
Product Warranty
Belden branded with part number
and color coded to the cable:
= RG6 (Belden 1694A)
= RG59 (Belden 1505A)
= 28.5 AWG RGB/Mini Coax (Belden 179DT)
= 23 AWG RGB/Mini Coax (Belden 1855A)
179DTBHDL 179 Digital Truck BNC with Locking Connector
Non-Blind Entry
1695ABHD1 RG6 Plenum Size 2 BNC HD Connector
1505ABHD3 RG59 BNC HD Connector


Similar Part No. - 1505ABHD3

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1505A BELDEN-1505A Datasheet
251Kb / 4P
   Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1505A.00152 BELDEN-1505A.00152 Datasheet
251Kb / 4P
   Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1505A.001525 BELDEN-1505A.001525 Datasheet
251Kb / 4P
   Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1505A.00305 BELDEN-1505A.00305 Datasheet
251Kb / 4P
   Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1505A.01152 BELDEN-1505A.01152 Datasheet
251Kb / 4P
   Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
More results

Similar Description - 1505ABHD3

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
OR3005230W PDI-OR3005230W Datasheet
159Kb / 4P
   Superior return loss performance
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
E&E Magnetic Products L...
824-00270 EEMAGNETIC-824-00270 Datasheet
64Kb / 2P
   Enhanced crosstalk and return loss performance
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
824-00166 EEMAGNETIC-824-00166 Datasheet
142Kb / 3P
   Enhanced crosstalk and return loss performance
824-00261F EEMAGNETIC-824-00261F Datasheet
111Kb / 2P
   Enhanced crosstalk and return loss performance
logo
Silicon Laboratories
TS6001 SILABS-TS6001 Datasheet
1Mb / 13P
   Improved Electrical Performance
logo
M/A-COM Technology Solu...
MAFL-011054 MA-COM-MAFL-011054 Datasheet
615Kb / 4P
   Excellent Return loss
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com