Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H511638E-TLB0 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4H511638E-TLB0
Description  128Mb DDR SDRAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H511638E-TLB0 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4H511638E-TLB0 Datasheet HTML 4Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 5Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 6Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 7Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 8Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 9Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 10Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 11Page - Samsung semiconductor K4H511638E-TLB0 Datasheet HTML 12Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
- 8 -
REV. 1.0 November. 2. 2000
128Mb DDR SDRAM
General Information
Organization
133Mhz w/ CL=2
133Mhz w/ CL=2.5
100Mhz w/ CL=2
32Mx4
K4H280438B-TCA2
K4H280438B-TCB0
K4H280438B-TCA0
K4H280438B-TLA2
K4H280438B-TLB0
K4H280438B-TLA0
16Mx8
K4H280838B-TCA2
K4H280838B-TCB0
K4H280838B-TCA0
K4H280838B-TLA2
K4H280838B-TLB0
K4H280838B-TLA0
8Mx16
K4H281638B-TCA2
K4H281638B-TCB0
K4H281638B-TCA0
K4H281638B-TLA2
K4H281638B-TLB0
K4H281638B-TLA0
T : TSOP2 (400mil x 875mil)
A0 : 10ns@CL2
A2 : 7.5ns@CL2
B0 : 7.5ns@CL2.5
C : (Commercial, Normal)
L : (Commercial, Low)
04 : x4
08 : x8
16 : x16
32 : x32
64 :
64M 4K/64ms
28 : 128M 4K/64ms
56 : 256M 8K/64ms
51 : 512M 8K/64ms
1G :
1G 16K/32ms
H : DDR SDRAM
M : 1st Generation
A : 2nd Generation
B : 3rd Generation
C : 4th Generation
D : 5th Generation
E : 6th Generation
K 4 H XX XX X X X - X X
Memory
DRAM
Small Classification
Density and Refresh
Temperature & Power
Package
Organization
Version
Interface (VDD & VDDQ)
1. SAMSUNG Memory : K
2. DRAM : 4
3. Small Classification
4. Density & Refresh
5. Organization
8. Version
9. Package
10. Temperature & Power
11. Speed
3 : 4 Bank
6. Bank
1
2
3
4
5
6
7
8
9
10
11
XX
8: SSTL-2(2.5V, 2.5V)
7. Interface (VDD & VDDQ)
Speed
Bank


Similar Part No. - K4H511638E-TLB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638 SAMSUNG-K4H511638 Datasheet
212Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H511638B-GC/LA2 SAMSUNG-K4H511638B-GC/LA2 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H511638B-GC/LB0 SAMSUNG-K4H511638B-GC/LB0 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H511638B-GC/LB3 SAMSUNG-K4H511638B-GC/LB3 Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
More results

Similar Description - K4H511638E-TLB0

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com