Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR4045Z Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR4045Z
Description  High frequency switch power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR4045Z Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR4045Z Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045Z Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
R
MBR4045
版本(Rev):201408A
3/8
特征曲线
ELECTRICAL CHARACTERISTICS
(curves)
IF vs VF
IR vs VR
IF(AV) vs TC
CT vs VR


Similar Part No. - MBR4045Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR4045 MOTOROLA-MBR4045 Datasheet
72Kb / 4P
   SWITCHMODE??Power Rectifier
logo
Diodes Incorporated
MBR4045 DIODES-MBR4045 Datasheet
89Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
logo
General Semiconductor
MBR4045 GE-MBR4045 Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR4045 MCC-MBR4045 Datasheet
110Kb / 3P
   40 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Gunter Seniconductor Gm...
MBR4045 GSG-MBR4045 Datasheet
76Kb / 1P
   Chips for Schottky Diodes
More results

Similar Description - MBR4045Z

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
   High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
   High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
   High frequency switch power supply
HBR4045 JSMC-HBR4045 Datasheet
446Kb / 8P
   High frequency switch power supply
HBR20100D JSMC-HBR20100D Datasheet
783Kb / 10P
   High frequency switch power supply
HBR10100S JSMC-HBR10100S Datasheet
665Kb / 10P
   High frequency switch power supply
HBR20100U JSMC-HBR20100U Datasheet
325Kb / 7P
   High frequency switch power supply
HBR20100C JSMC-HBR20100C Datasheet
598Kb / 10P
   High frequency switch power supply
logo
Micro Linear Corporatio...
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
   High Frequency Power Supply Controller
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
   High Frequency Power Supply Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com