Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HO15-NSM-SP000D Datasheet(PDF) 2 Page - LEM

Part # HO15-NSM-SP000D
Description  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NSM-SP000D Datasheet(HTML) 2 Page - LEM

  HO15-NSM-SP000D Datasheet HTML 1Page - LEM HO15-NSM-SP000D Datasheet HTML 2Page - LEM HO15-NSM-SP000D Datasheet HTML 3Page - LEM HO15-NSM-SP000D Datasheet HTML 4Page - LEM HO15-NSM-SP000D Datasheet HTML 5Page - LEM HO15-NSM-SP000D Datasheet HTML 6Page - LEM HO15-NSM-SP000D Datasheet HTML 7Page - LEM HO15-NSM-SP000D Datasheet HTML 8Page - LEM HO15-NSM-SP000D Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Page 2/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NSM-0000 SERIES
Absolute maximum ratings
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum ratings for extended periods may
degrade reliability.
UL 508: Ratings and assumptions of certification
File # E189713 Volume: 2 Section: 5
Standards
● CSA C22.2 NO. 14-10 INDUSTRIAL CONTROL EQUIPMENT - Edition 11 - Revision Date 2011/08/01
● UL 508 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT - Edition 17 - Revision Date 2010/04/15
Ratings
Conditions of acceptability
When installed in the end-use equipment, consideration shall be given to the following:
1 - These devices have been evaluated for overvoltage category III and for use in pollution degree 2 environment.
2 - A suitable enclosure shall be provided in the end-use application.
3 - The terminals have not been evaluated for field wiring.
4 - These devices have been evaluated for use in 105°C maximum surrounding air temperature.
5 - The secondary (Sensing) circuit is intended to be supplied by a Isolated Secondary Circuit - Limited voltage circuit defined
by UL 508 paragraph 32.5. The maximum open circuit voltage potential available to the circuit and overcurrent protection
shall be evaluated in the end use application.
6 - These devices are intended to be mounted on a printed wiring board of end-use equipment. The suitability of the connec-
tions (including spacings) shall be determined in the end-use application.
7 - Primary terminals shall not be straightened since assembly of housing case depends upon bending of the terminals.
8 - Any surface of polymeric housing have not been evaluated as insulating barrier.
9 - Low voltage circuits are intended to be powered by a circuit derived from an isolating source (such as a transformer, optical
isolator, limiting impedance or electro-mechanical relay) and having no direct connection back to the primary circuit (other
than through the grounding means).
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL's
Follow-Up Service. Always look for the Mark on the product.
Parameter
Symbol
Unit
Value
Supply voltage (not operating)
U
C
V
6.5
Primary conductor temperature
T
B
°C
120
ESD rating, Human Body Model (HBM)
U
ESD
kV
2
Parameter
Symbol
Unit
Value
Primary involved potential
V AC/DC
600
Max surrounding air temperature
T
A
°C
105
Primary current
I
P
A
According to series primary
currents
Secondary supply voltage
U
C
V DC
5
Output voltage
V
out
V
0 to 5


Similar Part No. - HO15-NSM-SP000D

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-0000 LEM-HO15-NP-0000 Datasheet
2Mb / 15P
   Current Transducer
HO15-NP-0000 LEM-HO15-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HO15-NP-0001 LEM-HO15-NP-0001 Datasheet
2Mb / 15P
   Current Transducer
HO15-NP-0001 LEM-HO15-NP-0001 Datasheet
2Mb / 16P
   Current Transducer
HO15-NP-0002 LEM-HO15-NP-0002 Datasheet
2Mb / 15P
   Current Transducer
More results

Similar Description - HO15-NSM-SP000D

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com