Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B66453K0000X149 Datasheet(PDF) 5 Page - TDK Electronics

Part # B66453K0000X149
Description  Ferrites and accessories
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B66453K0000X149 Datasheet(HTML) 5 Page - TDK Electronics

  B66453K0000X149 Datasheet HTML 1Page - TDK Electronics B66453K0000X149 Datasheet HTML 2Page - TDK Electronics B66453K0000X149 Datasheet HTML 3Page - TDK Electronics B66453K0000X149 Datasheet HTML 4Page - TDK Electronics B66453K0000X149 Datasheet HTML 5Page - TDK Electronics B66453K0000X149 Datasheet HTML 6Page - TDK Electronics B66453K0000X149 Datasheet HTML 7Page - TDK Electronics B66453K0000X149 Datasheet HTML 8Page - TDK Electronics B66453K0000X149 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
03/16
Please read Cautions and warnings and
Important notes at the end of this document.
Core set EELP 18
Combination: ELP 18/4/10 with ELP 18/4/10
To IEC 62317-9
Delivery mode: single units
Magnetic characteristics (per set)
l/A = 0.62 mm–1
le
= 24.3 mm
Ae
= 39.3 mm2
Amin = 38.9 mm2
Ve
= 955 mm3
Approx. weight 4.8 g/set
Ungapped
Calculation factors (for formulas, see “E cores: general information”)
EELP 18:
Validity range:
K1, K2: 0.10 mm < s < 1.50 mm
K3, K4: 50 nH < AL < 500 nH
Material
AL value
nH
e
PV
W/set
Ordering code
(per piece)
N49
1900 25%
930
< 0.25 ( 50 mT, 500 kHz, 100 °C)
B66453G0000X149
N92
2050 25%
1010
< 0.66 (200 mT, 100 kHz, 100 °C)
B66453G0000X192
N87
2600 25%
1270
< 0.60 (200 mT, 100 kHz, 100 °C)
B66453G0000X187
N97
2650 25%
1300
< 0.50 (200 mT, 100 kHz, 100 °C)
B66453G0000X197
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C)
K4 (100 °C)
N87
71.1
–0.773
124
–0.796
104
–0.873
ELP 18/4/10
B66453
Core (without clamp recess)
ELP 18/4/10


Similar Part No. - B66453K0000X149

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66453K0000X149 EPCOS-B66453K0000X149 Datasheet
318Kb / 11P
   Ferrites and accessories
More results

Similar Description - B66453K0000X149

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317_10 Datasheet
471Kb / 8P
   Ferrites and accessories
B66317G0000X130 EPCOS-B66317G0000X130 Datasheet
232Kb / 8P
   Ferrites and accessories
B66233G0000X187 EPCOS-B66233G0000X187 Datasheet
102Kb / 4P
   Ferrites and accessories
B66302G0000X130 EPCOS-B66302G0000X130 Datasheet
243Kb / 5P
   Ferrites and accessories
B66379G0000X130 EPCOS-B66379G0000X130 Datasheet
113Kb / 4P
   Ferrites and accessories
B65841A0063A038 EPCOS-B65841A0063A038 Datasheet
577Kb / 7P
   Ferrites and accessories
B66350G0000X127 EPCOS-B66350G0000X127 Datasheet
129Kb / 4P
   Ferrites and accessories
B66387G0000X127 EPCOS-B66387G0000X127 Datasheet
123Kb / 4P
   Ferrites and accessories
B66432G0000X127 EPCOS-B66432G0000X127 Datasheet
89Kb / 4P
   Ferrites and accessories
B65887 EPCOS-B65887_06 Datasheet
332Kb / 8P
   Ferrites and accessories
B65501 EPCOS-B65501 Datasheet
60Kb / 4P
   Ferrites and accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com