Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP688GD Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP688GD
Description  8-Bit CMOS ROM Based Microcontrollers with 16k
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688GD Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button COP688GD Datasheet HTML 3Page - National Semiconductor (TI) COP688GD Datasheet HTML 4Page - National Semiconductor (TI) COP688GD Datasheet HTML 5Page - National Semiconductor (TI) COP688GD Datasheet HTML 6Page - National Semiconductor (TI) COP688GD Datasheet HTML 7Page - National Semiconductor (TI) COP688GD Datasheet HTML 8Page - National Semiconductor (TI) COP688GD Datasheet HTML 9Page - National Semiconductor (TI) COP688GD Datasheet HTML 10Page - National Semiconductor (TI) COP688GD Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin
(Source)
100 mA
Total Current out of GND Pin
(Sink)
110 mA
Storage Temperature Range
−65˚C to +140˚C
Note 18:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 4)
CKI = 10 MHz
V
CC = 5.5V, tc =1µs
20
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5
µs
10
mA
HALT Current (Note 5)
V
CC = 5.5V, CKI = 0
MHz
12
µA
V
CC = 4.0V, CKI = 0
MHz
10
µA
IDLE Current (Note 4)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
1.2
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5
µs
1mA
Input Levels
RESET , CKI
Logic High
0.8
V
CC
V
Logic Low
0.2 V
CC
V
All Other Inputs (L0-L7, G0-G6, C0-C7,
I0-I7)
Logic High
0.7
V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
−2
+2
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis (Note 9)
0.35
V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH =
3.3V
−0.4
mA
Sink (Note 6)
V
CC = 4.5V, VOL =1V
10
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH =
2.7V
−10
−100
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH =
3.3V
−0.4
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL =
0.4V
1.6
mA
TRI-STATE Leakage
V
CC = 5.5V
−2
+2
µA
Allowable Sink/Source Current per Pin
D Outputs (Sink)
15
mA
www.national.com
7


Similar Part No. - COP688GD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP688GG NSC-COP688GG Datasheet
598Kb / 53P
   8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
Texas Instruments
COP688GG TI1-COP688GG Datasheet
631Kb / 55P
[Old version datasheet]   COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
More results

Similar Description - COP688GD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
   8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
   8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
   8-Bit CMOS OTP Microcontrollers with 16k Memory and
logo
Microchip Technology
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
   EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
   EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
   FLASH-Based 8-Bit CMOS Microcontrollers
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com