Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS4N65FB-O-F-N-B Datasheet(PDF) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS4N65FB-O-F-N-B
Description  High efficiency switch mode power supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS4N65FB-O-F-N-B Datasheet(HTML) 4 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS4N65FB-O-F-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65FB-O-F-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
R
JCS4N65B
版本:201506G
4/16
电特性 ELECTRICAL CHARACTERISTICS
开关特性 Switching Characteristics
延迟时间 Turn-On delay time
td(on)
VDD=300V,ID=4A,RG=25Ω
(note 4,5)
-
16
42
ns
上升时间 Turn-On rise time
tr
-
49 111
ns
延迟时间 Turn-Off delay time
td(off)
-
46 102
ns
下降时间 Turn-Off Fall time
tf
-
37
84
ns
栅极电荷总量 Total Gate Charge
Qg
VDS =480V ,
ID=4A
VGS =10V
(note 4,5)
-
13.3 19
nC
栅-源电荷 Gate-Source charge
Qgs
-
3.6
-
nC
栅-漏电荷 Gate-Drain charge
Qgd
-
4.9
-
nC
漏-源二极管特性及最大额定值 Drain-Source Diode Characteristics and Maximum Ratings
正向最大连续电流
Maximum Continuous Drain
-Source Diode Forward Current
IS
-
-
4
A
正向最大脉冲电流
Maximum Pulsed Drain-Source
Diode Forward Current
ISM
-
-
16
A
正向压降
Drain-Source Diode Forward
Voltage
VSD
VGS=0V,
IS=4.0A
-
-
1.4
V
反向恢复时间
Reverse recovery time
trr
VGS=0V, IS=4.0A
dIF/dt=100A/μs
(note 4)
-
330
-
ns
反向恢复电荷
Reverse recovery charge
Qrr
-
2.67
-
μC
热特性 THERMAL CHARACTERISTIC
Parameter
Symbol
最大
Max
单位
Unit
JCS4N65VB
/RB
JCS4N65CB
/SB/BB
JCS4N65FB
结到管壳的热阻
Thermal Resistance, Junction to Case
Rth(j-c)
2.50
1.25
3.79
℃/W
结到环境的热阻
Thermal Resistance, Junction to Ambient
Rth(j-A)
83
62.5
62.5
℃/W
注释:
1:脉冲宽度由最高结温限制
2:L=25mH, IAS=4.0A, VDD=50V,
RG=25 Ω,起始结
温 TJ=25℃
3:ISD ≤4.0A,di/dt ≤200A/μs,VDD≤BVDSS,起始结温
TJ=25℃
4:脉冲测试:脉冲宽度
≤300μs,占空比≤2%
5:基本与工作温度无关
Notes:
1:Pulse width limited by maximum junction
temperature
2 : L=25mH, IAS=4.0A, VDD=50V, RG=25 Ω,Starting
TJ=25℃
3 : ISD ≤4.0A,di/dt ≤200A/μs,VDD≤BVDSS, Starting
TJ=25℃
4:Pulse Test:
Pulse Width ≤300μs,Duty Cycle≤2%
5:Essentially independent of operating temperature


Similar Part No. - JCS4N65FB-O-F-N-B

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
JCS4N65FB-O-F-N-B DOINGTER-JCS4N65FB-O-F-N-B Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - JCS4N65FB-O-F-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS3N65VC JSMC-JCS3N65VC Datasheet
379Kb / 8P
   High efficiency switch mode power supplies
JCS20N60CAH JSMC-JCS20N60CAH Datasheet
845Kb / 8P
   High efficiency switch mode power supplies
JCS15N65H JSMC-JCS15N65H Datasheet
1Mb / 9P
   High efficiency switch mode power supplies
JCS20N60WH JSMC-JCS20N60WH Datasheet
889Kb / 8P
   High efficiency switch mode power supplies
logo
Ruichips Semiconductor ...
RU6Z8R RUICHIPS-RU6Z8R Datasheet
468Kb / 9P
   High efficiency switch mode power supplies
logo
JILIN SINO-MICROELECTRO...
JCS20N60ANH JSMC-JCS20N60ANH Datasheet
895Kb / 8P
   High efficiency switch mode power supplies
JCS1HN65C JSMC-JCS1HN65C Datasheet
422Kb / 9P
   High efficiency switch mode power supplies
JCS11N90WT JSMC-JCS11N90WT Datasheet
877Kb / 8P
   High efficiency switch mode power supplies
JCS9N90WT JSMC-JCS9N90WT Datasheet
910Kb / 8P
   High efficiency switch mode power supplies
logo
Ruichips Semiconductor ...
RU6Z5R RUICHIPS-RU6Z5R Datasheet
465Kb / 9P
   High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com