Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS4N65VB-O-V1-N-B Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS4N65VB-O-V1-N-B
Description  High efficiency switch mode power supplies
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS4N65VB-O-V1-N-B Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS4N65VB-O-V1-N-B Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS4N65VB-O-V1-N-B Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
R
JCS4N65B
版本:201506G
2/16
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃)
Parameter
Symbol
数 值
Value
Unit
JCS4N65V
B/RB
JCS4N65CB/
SB/BB
JCS4N65FB
最高漏极-源极直流电压
Drain-Source Voltage
VDSS
650
V
连续漏极电流
Drain Current
-continuous
IDT=25℃
T=100℃
4.0
4.0*
A
2.5
2.5*
A
最大脉冲漏极电流(注 1)
Drain Current - pulse
(note 1)
IDM
16
16*
A
最高栅源电压
Gate-Source Voltage
VGSS
±30
V
单脉冲雪崩能量(注 2)
Single Pulsed Avalanche Energy
(note 2)
EAS
240
mJ
雪崩电流(注 1)
Avalanche Current
(note 1)
IAR
4.0
A
重复雪崩能量(注 1)
Repetitive Avalanche Current (note 1)
EAR
10.0
mJ
二极管反向恢复最大电压变化速率(注 3)
Peak Diode Recovery
dv/dt (note 3)
dv/dt
5.5
V/ns
耗散功率
Power Dissipation
PD
TC=25℃
-Derate above
25℃
51
100
33
W
0.39
0.80
0.26
W/
绝缘耐压 (t=1s; TC =25 °C)
Insulation withstand voltage
VISO
2500
V
最高结温及存储温度
Operating and Storage Temperature
Range
TJ,TSTG
-55~+150
引线最高焊接温度
Maximum Lead Temperature for
Soldering Purposes
TL
300
*漏极电流由最高结温限制
*Drain current limited by maximum junction temperature


Similar Part No. - JCS4N65VB-O-V1-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65VC-O-V-N-B JSMC-JCS4N65VC-O-V-N-B Datasheet
1Mb / 15P
   LED power supply
JCS4N65VC-R-V-N-B JSMC-JCS4N65VC-R-V-N-B Datasheet
1Mb / 15P
   LED power supply
JCS4N65VE JSMC-JCS4N65VE Datasheet
823Kb / 13P
   Electronic ballast
JCS4N65VE-O-I-N-B JSMC-JCS4N65VE-O-I-N-B Datasheet
823Kb / 13P
   Electronic ballast
JCS4N65VE-O-I-N-B JSMC-JCS4N65VE-O-I-N-B Datasheet
996Kb / 16P
   LED power supply
More results

Similar Description - JCS4N65VB-O-V1-N-B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS3N65VC JSMC-JCS3N65VC Datasheet
379Kb / 8P
   High efficiency switch mode power supplies
JCS20N60CAH JSMC-JCS20N60CAH Datasheet
845Kb / 8P
   High efficiency switch mode power supplies
JCS15N65H JSMC-JCS15N65H Datasheet
1Mb / 9P
   High efficiency switch mode power supplies
JCS20N60WH JSMC-JCS20N60WH Datasheet
889Kb / 8P
   High efficiency switch mode power supplies
logo
Ruichips Semiconductor ...
RU6Z8R RUICHIPS-RU6Z8R Datasheet
468Kb / 9P
   High efficiency switch mode power supplies
logo
JILIN SINO-MICROELECTRO...
JCS20N60ANH JSMC-JCS20N60ANH Datasheet
895Kb / 8P
   High efficiency switch mode power supplies
JCS1HN65C JSMC-JCS1HN65C Datasheet
422Kb / 9P
   High efficiency switch mode power supplies
JCS11N90WT JSMC-JCS11N90WT Datasheet
877Kb / 8P
   High efficiency switch mode power supplies
JCS9N90WT JSMC-JCS9N90WT Datasheet
910Kb / 8P
   High efficiency switch mode power supplies
logo
Ruichips Semiconductor ...
RU6Z5R RUICHIPS-RU6Z5R Datasheet
465Kb / 9P
   High efficiency switch mode power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com