Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JCS1N70TC-O-T-N-A Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS1N70TC-O-T-N-A
Description  High frequency switching mode power supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS1N70TC-O-T-N-A Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS1N70TC-O-T-N-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS1N70TC-O-T-N-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:201412B
1/8
N 沟道增强型场效应晶体管
N-CHANNEL MOSFET
JCS1N70TC
订 货 型 号
Order codes
Marking
Package
无卤素
Halogen
Free
Packaging
器件重量
Device
Weight
JCS1N70TC-O-T-N-A
1N70T
TO-92
NO
编带
Brede
0.216 g(typ)
封装
Package
主要参数
MAIN CHARACTERISTICS
ID
1A
VDSS
700 V
Rdson(@Vgs=10V) 18 Ω
Qg
4.41nC
用途
高频开关电源
电子镇流器
功率因数校正
APPLICATIONS
High frequency switching
mode power supply
Electronic ballast
Power factor correction
产品特性
低栅极电荷
Crss (典型值 1.1pF)
开关速度快
产品全部经过雪崩测试
高抗
dv/dt 能力
RoHS 产品
FEATURES
Low gate charge
Low Crss (typical 1.1pF )
Fast switching
100% avalanche tested
Improved dv/dt capability
RoHS product
订货信息
ORDER MESSAGE


Similar Part No. - JCS1N70TC-O-T-N-A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS1N60C JSMC-JCS1N60C Datasheet
714Kb / 11P
   N-CHANNEL MOSFET
JCS1N60NC-O-N-N-A JSMC-JCS1N60NC-O-N-N-A Datasheet
714Kb / 11P
   N-CHANNEL MOSFET
logo
SHENZHEN DOINGTER SEMIC...
JCS1N60R-O-R-N-B DOINGTER-JCS1N60R-O-R-N-B Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
JILIN SINO-MICROELECTRO...
JCS1N60RC-O-R-N-A JSMC-JCS1N60RC-O-R-N-A Datasheet
714Kb / 11P
   N-CHANNEL MOSFET
JCS1N60RC-O-R-N-B JSMC-JCS1N60RC-O-R-N-B Datasheet
714Kb / 11P
   N-CHANNEL MOSFET
More results

Similar Description - JCS1N70TC-O-T-N-A

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS13N50CT JSMC-JCS13N50CT Datasheet
753Kb / 8P
   High frequency switching mode power supply
JCS8N60C JSMC-JCS8N60C Datasheet
1Mb / 14P
   High frequency switching mode power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
   High frequency switching power supply
logo
JILIN SINO-MICROELECTRO...
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
   High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
   High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
   High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
   High frequency switching power supply
3CG3906 JSMC-3CG3906 Datasheet
205Kb / 6P
   High frequency switching power supply
3CG8550 JSMC-3CG8550 Datasheet
224Kb / 5P
   High frequency switching power supply
3CG9012 JSMC-3CG9012 Datasheet
180Kb / 5P
   High frequency switching power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com