Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HO15-NSM-SP2207 Datasheet(PDF) 9 Page - LEM

Part # HO15-NSM-SP2207
Description  Current Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO15-NSM-SP2207 Datasheet(HTML) 9 Page - LEM

Back Button HO15-NSM-SP2207 Datasheet HTML 5Page - LEM HO15-NSM-SP2207 Datasheet HTML 6Page - LEM HO15-NSM-SP2207 Datasheet HTML 7Page - LEM HO15-NSM-SP2207 Datasheet HTML 8Page - LEM HO15-NSM-SP2207 Datasheet HTML 9Page - LEM HO15-NSM-SP2207 Datasheet HTML 10Page - LEM HO15-NSM-SP2207 Datasheet HTML 11Page - LEM HO15-NSM-SP2207 Datasheet HTML 12Page - LEM HO15-NSM-SP2207 Datasheet HTML 13Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Page 9/16
18February2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-NSM-0000 SERIES
Typical performance characteristics I
PN = 25 A
Figure 11: Linearity error
Figure 12: Frequency response
Figure 13: Step response
Figure 14: dv/dt
Figure 15: Output noise
20 mV/div
1 µs/div
Vout
Ip
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-30
-20
-10
0
10
20
30
Primary current (A)
Linearity error HO 25-NP
-180
-120
-60
0
60
120
180
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
10
100
1000
10000
100000
1000000
Frequency [Hz]
Frequency characteristics
Gain [0 dB at 50 Hz]
Spec
Phase
Vout
Ip
2 µs/div


Similar Part No. - HO15-NSM-SP2207

ManufacturerPart #DatasheetDescription
logo
LEM
HO15-NP-0000 LEM-HO15-NP-0000 Datasheet
2Mb / 15P
   Current Transducer
HO15-NP-0000 LEM-HO15-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HO15-NP-0001 LEM-HO15-NP-0001 Datasheet
2Mb / 15P
   Current Transducer
HO15-NP-0001 LEM-HO15-NP-0001 Datasheet
2Mb / 16P
   Current Transducer
HO15-NP-0002 LEM-HO15-NP-0002 Datasheet
2Mb / 15P
   Current Transducer
More results

Similar Description - HO15-NSM-SP2207

ManufacturerPart #DatasheetDescription
logo
LEM
HO50-S LEM-HO50-S Datasheet
1Mb / 14P
   Current Transducer
HO60-P LEM-HO60-P Datasheet
1Mb / 15P
   Current Transducer
HO-NP-0000 LEM-HO-NP-0000 Datasheet
2Mb / 16P
   Current Transducer
HXS20-NP-SP2 LEM-HXS20-NP-SP2 Datasheet
757Kb / 3P
   Current Transducer
LA55-P LEM-LA55-P_09 Datasheet
515Kb / 3P
   Current Transducer
LA150-TP LEM-LA150-TP Datasheet
243Kb / 3P
   Current Transducer
LTS15-NP LEM-LTS15-NP_11 Datasheet
471Kb / 3P
   Current Transducer
HO-NP LEM-HO-NP Datasheet
929Kb / 12P
   Current Transducer
HX03-P LEM-HX03-P_11 Datasheet
432Kb / 3P
   Current Transducer
HAT200-S LEM-HAT200-S_14 Datasheet
403Kb / 3P
   Current Transducer
HAX500-S LEM-HAX500-S_11 Datasheet
640Kb / 3P
   Current Transducer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com