Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220X563D2GALTU Datasheet(PDF) 8 Page - Kemet Corporation

Part # C2220X563D2GALTU
Description  Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2220X563D2GALTU Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C2220X563D2GALTU Datasheet HTML 4Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 5Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 6Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 7Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 8Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 9Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 10Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 11Page - Kemet Corporation C2220X563D2GALTU Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1062_C0G_FT-CAP_SMD • 5/23/2016
8
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), C0G Dielectric, 10 – 250 VDC (Commercial & Automotive Grade)
Table 2A – Chip Thickness/Tape & Reel Packaging Quantities
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
Paper Quantity1
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
CJ
0603
0.80 ± 0.15
4,000
15,000
0
0
CH
0603
0.85 ± 0.07
4,000
10,000
0
0
DR
0805
0.78 ± 0.20
0
0
4,000
10,000
DD
0805
0.90 ± 0.10
0
0
4,000
10,000
DS
0805
1.00 ± 0.20
0
0
2,500
10,000
DF
0805
1.10 ± 0.10
0
0
2,500
10,000
DG
0805
1.25 ± 0.15
0
0
2,500
10,000
EQ
1206
0.78 ± 0.20
4,000
10,000
4,000
10,000
ER
1206
0.90 ± 0.20
0
0
4,000
10,000
ES
1206
1.00 ± 0.20
0
0
2,500
10,000
ET
1206
1.10 ± 0.20
0
0
2,500
10,000
EF
1206
1.20 ± 0.15
0
0
2,500
10,000
EH
1206
1.60 ± 0.20
0
0
2,000
8,000
FN
1210
0.78 ± 0.20
0
0
4,000
10,000
FQ
1210
0.90 ± 0.20
0
0
4,000
10,000
FE
1210
1.00 ± 0.10
0
0
2,500
10,000
FA
1210
1.10 ± 0.15
0
0
2,500
10,000
FZ
1210
1.25 ± 0.20
0
0
2,500
10,000
FU
1210
1.55 ± 0.20
0
0
2,000
8,000
FM
1210
1.70 ± 0.20
0
0
2,000
8,000
FJ
1210
1.85 ± 0.20
0
0
2,000
8,000
FK
1210
2.10 ± 0.20
0
0
2,000
8,000
GB
1812
1.00 ± 0.10
0
0
1,000
4,000
GD
1812
1.25 ± 0.15
0
0
1,000
4,000
GH
1812
1.40 ± 0.15
0
0
1,000
4,000
GG
1812
1.55 ± 0.10
0
0
1,000
4,000
GK
1812
1.60 ± 0.20
0
0
1,000
4,000
GJ
1812
1.70 ± 0.15
0
0
1,000
4,000
GN
1812
1.70 ± 0.20
0
0
1,000
4,000
GM
1812
2.00 ± 0.20
0
0
500
2,000
HB
1825
1.10 ± 0.15
0
0
1,000
4,000
HE
1825
1.40 ± 0.15
0
0
1,000
4,000
HG
1825
1.60 ± 0.20
0
0
1,000
4,000
JB
2220
1.00 ± 0.15
0
0
1,000
4,000
JD
2220
1.30 ± 0.15
0
0
1,000
4,000
JE
2220
1.40 ± 0.15
0
0
1,000
4,000
JF
2220
1.50 ± 0.15
0
0
1,000
4,000
JG
2220
1.70 ± 0.15
0
0
1,000
4,000
KE
2225
1.40 ± 0.15
0
0
1,000
4,000
Thickness
Code
Case
Size1
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity1
Plastic Quantity
Package quantity based on finished chip thickness specifications.
1
If ordering using the 2 mm Tape and Reel pitch option, the packaging quantity outlined in the table above will be doubled. This option is limited to EIA 0603 (1608 metric)
case size devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.


Similar Part No. - C2220X563D2GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220X563D2GALTU KEMET-C2220X563D2GALTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results

Similar Description - C2220X563D2GALTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225X393JCGACTU KEMET-C2225X393JCGACTU Datasheet
832Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com