Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2110-1PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2110-1PBF
Description  HIGH AND LOW SIDE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2110-1PBF Datasheet(HTML) 3 Page - International Rectifier

  IR2110-1PBF Datasheet HTML 1Page - International Rectifier IR2110-1PBF Datasheet HTML 2Page - International Rectifier IR2110-1PBF Datasheet HTML 3Page - International Rectifier IR2110-1PBF Datasheet HTML 4Page - International Rectifier IR2110-1PBF Datasheet HTML 5Page - International Rectifier IR2110-1PBF Datasheet HTML 6Page - International Rectifier IR2110-1PBF Datasheet HTML 7Page - International Rectifier IR2110-1PBF Datasheet HTML 8Page - International Rectifier IR2110-1PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.irf.com
3
IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
7
120
150
VS = 0V
toff
Turn-off propagation delay
8
94
125
VS = 500V/600V
tsd
Shutdown propagation delay
9
110
140
VS = 500V/600V
tr
Turn-on rise time
10
25
35
tf
Turn-off fall time
11
17
25
MT
Delay matching, HS & LS
(IR2110)
10
turn-on/off
(IR2113)
20
ns
Dynamic Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, CL = 1000 pF, TA = 25°C and VSS = COM unless otherwise specified. The dynamic
electrical characteristics are measured using the test circuit shown in Figure 3.
Symbol
Definition
Figure Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage
12
9.5
VIL
Logic “0” input voltage
13
6.0
VOH
High level output voltage, VBIAS - VO
14
1.2
IO = 0A
VOL
Low level output voltage, VO
15
0.1
IO = 0A
ILK
Offset supply leakage current
16
50
VB=VS = 500V/600V
IQBS
Quiescent VBS supply current
17
125
230
VIN = 0V or VDD
IQCC
Quiescent VCC supply current
18
180
340
VIN = 0V or VDD
IQDD
Quiescent VDD supply current
19
15
30
VIN = 0V or VDD
IIN+
Logic “1” input bias current
20
20
40
VIN = VDD
IIN-
Logic “0” input bias current
21
1.0
VIN = 0V
VBSUV+
VBS supply undervoltage positive going
22
7.5
8.6
9.7
threshold
VBSUV-
VBS supply undervoltage negative going
23
7.0
8.2
9.4
threshold
VCCUV+
VCC supply undervoltage positive going
24
7.4
8.5
9.6
threshold
VCCUV-
VCC supply undervoltage negative going
25
7.0
8.2
9.4
threshold
IO+
Output high short circuit pulsed current
26
2.0
2.5
VO = 0V, VIN = VDD
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
27
2.0
2.5
VO = 15V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, TA = 25°C and VSS = COM unless otherwise specified. The VIN, VTH and IIN parameters
are referenced to VSS and are applicable to all three logic input leads: HIN, LIN and SD. The VO and IO parameters are
referenced to COM and are applicable to the respective output leads: HO or LO.
V
µA
V
A


Similar Part No. - IR2110-1PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2110-1 IRF-IR2110-1 Datasheet
334Kb / 18P
   IR2110(-1-2)(S)PbF/IR2113(-1-2)(S)PbF HIGH AND LOW SIDE DRIVER
More results

Similar Description - IR2110-1PBF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com